Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI88620ED-IS Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI88620ED-IS
Description  DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI88620ED-IS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI88620ED-IS Datasheet HTML 6Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 7Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 8Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 9Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 10Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 11Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 12Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 13Page - Silicon Laboratories SI88620ED-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Si88x2x
10
Rev. 0.5
100 Mbps, VDDB = 5 V ± 10% (All Inputs = 50 MHz Square Wave, CLOAD = 15 pF)
Si88x20
VDDA
VDDB
7.3
16.1
mA
Si88x21
VDDA
VDDB
9.7
7.3
mA
Si88x22
VDDA
VDDB
16.5
4.2
mA
Timing Characteristics
Data Rate
0
100
Mbps
Minimum Pulse Width
10
ns
Propagation Delay
tPHL
See Figure 1
VDDx = 3.3 V
17.8
ns
Propagation Delay
tPLH
See Figure 1
VDDx = 3.3 V
14.5
ns
Propagation Delay
tPHL
See Figure 1
VDDx = 5.0 V
17.5
ns
Propagation Delay
tPLH
See Figure 1
VDDx = 5.0 V
12.6
ns
Pulse Width Distor-
tion
|tPLH – tPHL|
PWD
See Figure 1
VDDx = 3.3 V
3.4
ns
Pulse Width Distor-
tion
|tPLH – tPHL|
PWD
See Figure 1
VDDx = 5.0 V
4.8
ns
Propagation Delay
Skew6
tPSK(P-P)
2.0
ns
Table 2. Electrical Characteristics1 (Continued)
VIN =24 V; VDDA =VDDP = 3.0 to 5.5 V (see Figure 2) for all Si8822x/32x; VDDA = 4.3 V (see Figure 3) for all Si8842x/62x;
TA = –40 to 125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Over recommended operating conditions as noted in Table 1.
2. VOUT = VSNS x (1 + R1/R2) + R1 x Ioffset
3. VDDP current needed for dc-dc circuits.
4. VDDA current needed for dc-dc circuits.
5. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
6. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
7. Start-up time is the time period from when the UVLO threshold is exceeded to valid data at the output.


Similar Part No. - SI88620ED-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88620ED-IS SKYWORKS-SI88620ED-IS Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
More results

Similar Description - SI88620ED-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
   Dual Digital Isolators with DC-DC Converter
Rev. 1.04
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
   QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADM3260 AD-ADM3260 Datasheet
456Kb / 19P
   Hot Swappable, Dual I2C Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com