Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACTQ04L Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ04L
Description  Quiet Series Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ04L Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACTQ04L Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ04L Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ04L Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ04L Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ04L Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
OLV
Quiet Output Minimum
5.0
-1.2
V
Figures 2-12, 13
Dynamic V
OL
(Note 6)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 6: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 7: Max number of data inputs (n) switching. (n−1) inputs switching 0V to 3V (’ACTQ). Input-under-test switching: 3V to threshold (V ILD), 0V to threshold (VIHD),
f = 1 MHz.
AC Electrical Characteristics
V
CC
(V)
(Note 8)
54ACTQ
Fig. No.
T
A = −55˚C
Symbol
Parameter
to +125˚C
Units
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
9.5
ns
Data to Output
t
PHL
Propagation Delay
5.0
1.0
9.5
ns
Data to Output
Note 8: Voltage Range 5.0 is 5.0V ±0.5V.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
75
pF
V
CC = 5.0V
Capacitance
www.national.com
3


Similar Part No. - 54ACTQ04L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ02 NSC-54ACTQ02 Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02D NSC-54ACTQ02D Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02F NSC-54ACTQ02F Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ02L NSC-54ACTQ02L Datasheet
105Kb / 5P
   Quad 2-Input NOR Gate
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
More results

Similar Description - 54ACTQ04L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_05 Datasheet
116Kb / 8P
   Quiet Series Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com