Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTB10-P1212 Datasheet(PDF) 3 Page - SICK AG

Part # GTB10-P1212
Description  Photoelectric proximity sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GTB10-P1212 Datasheet(HTML) 3 Page - SICK AG

  GTB10-P1212 Datasheet HTML 1Page - SICK AG GTB10-P1212 Datasheet HTML 2Page - SICK AG GTB10-P1212 Datasheet HTML 3Page - SICK AG GTB10-P1212 Datasheet HTML 4Page - SICK AG GTB10-P1212 Datasheet HTML 5Page - SICK AG GTB10-P1212 Datasheet HTML 6Page - SICK AG GTB10-P1212 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 2:18:09 AM
1) Limit values: operation in short-circuit protected network max. 8 A 2) May not exceed or fall below Uv tolerances 3) Signal transit time with resistive load 4) Do not
bend below 0 °C 5) A = VS connections reverse-polarity protected 6) B = inputs and output reverse-polarity protected 7) C = interference suppression 8) D = outputs
overcurrent and short-circuit protected 9) Complies with the UL325 standard when used with sturdy protection hood (e.g. BEF-G10WSG, 2071960). 10) With light/dark
ratio 1:1
Power consumption:
≤ 20 mA
Output type:
PNP
Switching mode:
Light/dark switching
Switching mode selector:
Selectable via light/dark selector
Output current Imax.:
≤ 100 mA
Response time:
≤ 500 µs 3)
Connection type:
Cable, 3-wire, 2 m 4)
Cable material:
PVC
Conductor cross-section:
0.14 mm²
Circuit protection::::
A, B, C, D 5) 6) 7) 8)
Protection class:
III
Weight:
90 g
Polarisation filter:
-
Special device:
-
Enclosure rating:
IP 67
Items supplied:
Mounting bracket BEF-G10DC01
EMC:
EN 60947-5-2
Ambient operating temperature:
-30 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +70 °C
UL File No.:
NRKH.E348498 & NRKH7.E348498
Further standards:
UL325 9)
Switching frequency max.:
1,000 Hz 10)
Housing material:
PVC ∕ PMMA, Plastic


Similar Part No. - GTB10-P1212

ManufacturerPart #DatasheetDescription
logo
SICK AG
GTB10-P1211 SICK-GTB10-P1211 Datasheet
797Kb / 7P
   Photoelectric proximity sensor
More results

Similar Description - GTB10-P1212

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
WT100-2N3439 SICK-WT100-2N3439 Datasheet
831Kb / 7P
   Photoelectric proximity sensor
WT100-2P0409S45 SICK-WT100-2P0409S45 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
WT100-2P4419 SICK-WT100-2P4419 Datasheet
825Kb / 7P
   Photoelectric proximity sensor
WTB4S-3N1132H SICK-WTB4S-3N1132H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3N1135H SICK-WTB4S-3N1135H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3204HS01 SICK-WTB4S-3P3204HS01 Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3235H SICK-WTB4S-3P3235H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com