Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF998W Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BF998W
Description  Silicon N-Channel MOSFET Tetrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF998W Datasheet(HTML) 4 Page - Infineon Technologies AG

  BF998W Datasheet HTML 1Page - Infineon Technologies AG BF998W Datasheet HTML 2Page - Infineon Technologies AG BF998W Datasheet HTML 3Page - Infineon Technologies AG BF998W Datasheet HTML 4Page - Infineon Technologies AG BF998W Datasheet HTML 5Page - Infineon Technologies AG BF998W Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Feb-13-2004
4
BF998...
Total power dissipation Ptot = ƒ(TS)
BF998, BF998R
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Total power dissipation Ptot = ƒ(TS)
BF998W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
20
40
60
80
100
120
140
160
180
mA
220
Output characteristics ID = ƒ(VDS)
VG2S = 4 V
VG1S = Parameter
0
2
4
6
8
10
V
14
VDS
0
2
4
6
8
10
12
14
16
18
20
22
mA
26
0.4V
0.2V
0V
-0.2V
-0.4V
Gate 1 forward transconductance
gfs = ƒ(ID)
VDS = 5V, VG2S = Parameter
0
4
8
12
16
mA
24
ID
0
2
4
6
8
10
12
14
16
18
20
22
mS
26
4V
2V
1V
0V


Similar Part No. - BF998W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF998W SIEMENS-BF998W Datasheet
30Kb / 2P
   Silicon N-Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor)
logo
NXP Semiconductors
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
BF998WR NXP-BF998WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF998WR JMNIC-BF998WR Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF998WR JMNIC-BF998WR_15 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
More results

Similar Description - BF998W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com