Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53360 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI53360
Description  1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53360 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI53360 Datasheet HTML 1Page - Silicon Laboratories SI53360 Datasheet HTML 2Page - Silicon Laboratories SI53360 Datasheet HTML 3Page - Silicon Laboratories SI53360 Datasheet HTML 4Page - Silicon Laboratories SI53360 Datasheet HTML 5Page - Silicon Laboratories SI53360 Datasheet HTML 6Page - Silicon Laboratories SI53360 Datasheet HTML 7Page - Silicon Laboratories SI53360 Datasheet HTML 8Page - Silicon Laboratories SI53360 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Si53360
Rev. 1.1
3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating
Temperature
TA
–40
85
°C
Supply Voltage Range
VDD
LVCMOS
1.71
1.8
1.89
V
2.38
2.5
2.63
V
2.97
3.3
3.63
V
Table 2. Input Clock Specifications
(VDD=1.8 V 5%, 2.5 V 5%, or 3.3 V 10%, TA=–40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
LVCMOS Input High Volt-
age
VIH
VDD = 1.8 V±5%, 2.5 V5%,
3.3 V
10%
VDD x 0.7
V
LVCMOS Input Low Volt-
age
VIL
VDD = 1.8 V±5%, 2.5 V5%,
3.3 V
10%
——
VDD x 0.3
V
Input Capacitance
CIN
CLK0 and CLK1 pins with
respect to GND
—5
pF
Table 3. DC Common Characteristics
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IDD
150
mA
Input High Voltage
VIH
CLK_SEL, OE
0.8 x VDD
——
V
Input Low Voltage
VIL
CLK_SEL, OE
0.2 x VDD
V
Internal Pull-up
Resistor
RUP
OE, CLK_SEL
25
k
Table 4. Output Characteristics—LVCMOS
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Voltage High
VOH
IOH = –12 mA, VDD = 3.3 V
IOH = –9 mA, VDD = 2.5 V
IOH = –6 mA, VDD = 1.8 V
0.8 x VDD
——
V
Output Voltage Low
VOL
IOL = 12 mA, VDD = 3.3 V
IOL = 9 mA, VDD = 2.5 V
IOL = 6 mA, VDD = 1.8 V
0.2 x VDD
V


Similar Part No. - SI53360

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53360 SKYWORKS-SI53360 Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
SI53360-B-GT SKYWORKS-SI53360-B-GT Datasheet
1Mb / 35P
   Low-Jitter, LVCMOS Fanout Clock Buffers with up to 12 outputs and Frequency Range from dc to 200 MHz
Rev. 1.3
More results

Similar Description - SI53360

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com