Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53340 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI53340
Description  1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53340 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI53340 Datasheet HTML 2Page - Silicon Laboratories SI53340 Datasheet HTML 3Page - Silicon Laboratories SI53340 Datasheet HTML 4Page - Silicon Laboratories SI53340 Datasheet HTML 5Page - Silicon Laboratories SI53340 Datasheet HTML 6Page - Silicon Laboratories SI53340 Datasheet HTML 7Page - Silicon Laboratories SI53340 Datasheet HTML 8Page - Silicon Laboratories SI53340 Datasheet HTML 9Page - Silicon Laboratories SI53340 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Si53340
6
Rev. 1.0
Table 8. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance,
Junction to Ambient
JA
Still air
57.6
°C/W
Thermal Resistance,
Junction to Case
JC
Still air
41.5
°C/W
Table 9. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage Temperature
TS
–55
150
C
Supply Voltage
VDD
–0.5
3.8
V
Input Voltage
VIN
–0.5
VDD+ 0.3
V
Output Voltage
VOUT
——
VDD+ 0.3
V
ESD Sensitivity
HBM
HBM, 100 pF, 1.5 k
2000
V
ESD Sensitivity
CDM
500
V
Peak Soldering
Reflow Temperature
TPEAK
Pb-Free; Solder reflow profile
per JEDEC J-STD-020
260
C
Maximum Junction
Temperature
TJ
125
C
Note: Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - SI53340

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53340 SKYWORKS-SI53340 Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
SI53340-B-GM SILABS-SI53340-B-GM Datasheet
947Kb / 38P
   Multiple configuration options
logo
Skyworks Solutions Inc.
SI53340-B-GM SKYWORKS-SI53340-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53340-B-GM SKYWORKS-SI53340-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53340

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U_10 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Micrel Semiconductor
SY89113U MICREL-SY89113U Datasheet
628Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
   2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com