Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53323 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI53323
Description  1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53323 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI53323 Datasheet HTML 4Page - Silicon Laboratories SI53323 Datasheet HTML 5Page - Silicon Laboratories SI53323 Datasheet HTML 6Page - Silicon Laboratories SI53323 Datasheet HTML 7Page - Silicon Laboratories SI53323 Datasheet HTML 8Page - Silicon Laboratories SI53323 Datasheet HTML 9Page - Silicon Laboratories SI53323 Datasheet HTML 10Page - Silicon Laboratories SI53323 Datasheet HTML 11Page - Silicon Laboratories SI53323 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Si53323
8
Rev. 1.0
Figure 4. Differential DC-Coupled Input Terminations
VDD
Si533xx
R1
VDD
R2
R1
R2
“Standard”
LVPECL
Driver
VTERM = VDD – 2V
R1 // R2 = 50 Ohm
CLKx
= 3.3V or 2.5V
VDD
3.3V LVPECL:
R1 = 127 Ohm, R2 = 82.5 Ohm
2.5V LVPECL:
R1 = 250 Ohm, R2 = 62.5 Ohm
DC Coupled LVPECL Termination Scheme 1
/CLKx
50
50
VDD
Si533xx
50
50
VTERM = VDD – 2V
= 3.3V or 2.5V
VDD
50
50
“Standard”
LVPECL
Driver
CLKx
/CLKx
DC Coupled LVPECL Termination Scheme 2
VDD
Si533xx
50
50
DC Coupled LVDS Termination
= 3.3V or 2.5V
VDD
100
Standard
LVDS
Driver
CLKx
/CLKx
VDD
Si533xx
50
50
DC Coupled HCSL Source Termination Scheme
= 3.3V
VDD
Standard
HCSL Driver
50
50
33
33
CLKx
/CLKx
Note: 33 Ohm series termination is optional depending on the location of the receiver.


Similar Part No. - SI53323

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si53323-B-GM SILABS-Si53323-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53323-B-GM SKYWORKS-SI53323-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53323

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
logo
Micrel Semiconductor
SY89112U MICREL-SY89112U_11 Datasheet
696Kb / 14P
   2.5/3.3V Low-Jitter, Low-Skew 1:12 LVPECL Fanout Buffer with 2:1 Input MUX
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com