Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53322 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI53322
Description  1:2 LOW JITTER LVPECL CLOCK BUFFER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53322 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI53322 Datasheet HTML 1Page - Silicon Laboratories SI53322 Datasheet HTML 2Page - Silicon Laboratories SI53322 Datasheet HTML 3Page - Silicon Laboratories SI53322 Datasheet HTML 4Page - Silicon Laboratories SI53322 Datasheet HTML 5Page - Silicon Laboratories SI53322 Datasheet HTML 6Page - Silicon Laboratories SI53322 Datasheet HTML 7Page - Silicon Laboratories SI53322 Datasheet HTML 8Page - Silicon Laboratories SI53322 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Rev. 1.0 7/15
Copyright © 2015 by Silicon Laboratories
Si53322
Si53322
1:2 LOW JITTER LVPECL CLOCK BUFFER (>1.25 GH Z)
Features
Applications
Description
The Si53322 is an ultra-low-jitter two-output LVPECL buffer. Utilizing
Silicon Laboratories’ advanced fan-out clock technology, the Si53322
guarantees low additive jitter, low skew, and low propagation delay
variability from dc to 1250 MHz.
The Si53322 features minimal cross-talk and excellent supply noise
rejection, simplifying low-jitter clock distribution in noisy environments.
Functional Block Diagram
2 LVPECL outputs
Ultra-low additive jitter: 55 fs rms
Wide frequency range: dc to
1250 MHz
Universal input stage accepts
differential or LVCMOS clock
VDD: 2.5 / 3.3 V
Small size: 16-QFN (3 mm x
3mm)
RoHS compliant, Pb-free
Industrial temperature range:
–40 to +85 °C
High-speed clock distribution
Ethernet switch/router
Optical Transport Network (OTN)
SONET/SDH
PCI Express Gen 1/2/3
Storage
Telecom
Industrial
Servers
Backplane clock distribution
Q0
Q0
Q1
Q1
VDD
Power
Supply
Filtering
CLK
CLK
Patents pending
Ordering Information:
See page 17.
Pin Assignments
EXPOSED
GND
PAD
9
11
10
12
4
2
3
1
NC
Q1
Q1
Q0
Q0
GND
NC
NC


Similar Part No. - SI53322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si53322-B-GM SILABS-Si53322-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53322-B-GM SKYWORKS-SI53322-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Silicon Laboratories
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
   1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com