Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM43603EVM Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # LM43603EVM
Description  evaluation module (EVM) helps designers evaluate the operation and performance of the LM43603 wide-input voltage Simple Switcher buck regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

LM43603EVM Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  LM43603EVM Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS LM43603EVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RENT
Enable _ Voltage
VIH _ EN 1
RENB
§
·
˜

¨
¸
©
¹
www.ti.com
Setup
where
VIH_EN is 2.2 V (typ)
(1)
PG – Testpoint— is used to monitor the power good flag. This flag indicates whether the output voltage
has reached its regulation point. This pin is an open-drain output that requires a pullup resistor to
the appropriate logic voltage (any voltage less than 14 V). A pre-installed resistor RPG1 of 100 k
Ω
is tied to the PG pin and brought out to the PG_PULL UP test point.
PG_PULL UP – Testpoint— is the top connection of the pre-assembled 100-k
Ω RPG1 pullup resistor that
ties directly to the open-drain PG pin. Supply an appropriate voltage to this test point, or tie it
directly to the VOUT test point to observe the PG flag operation.
BIAS – Testpoint— is used to monitor the BIAS voltage. A pre-installed capacitor of 4.7 µF is connected
from the BIAS pin to ground (GND). This node is connected to VOUT through a zero Ohm resistor
pre-installed on the bottom layer, labeled (RBIAS).
SYNC – Testpoint — is the input terminal for an optional external input clock to the converter. The
external clock frequency must be between 200 kHz and 2.2 MHz, if used. A pulldown resistor of
100 k
Ω (RSYNC) is installed on the EVM.
SW – Testpoint— is used to monitor the voltage on the switch pin and the switching frequency of the
voltage regulator. Remove this test point before making any electromagnetic interference (EMI)
measurements.
VSUPPLY – Edge Connector pin #9— is used to supply the input voltage through an on board LC filter (if
one is needed for conducted EMI/EMC measurement). The Lin and Cd component pads are
located on the bottom side of the EVM. Please refer to the EVM schematic for initial suggestion of
component values.
2
Setup
Set the input voltage (VIN) range for the converter between the operating voltage range of 3.5 V to 36 V. If
a load is driven, it should be applied to the VOUT terminal and should not exceed the maximum load
current of 3 A.
3
Operation
For proper operation of the LM43603, VIN, GND, and VOUT should be properly configured as stated
above. In this configuration, the device will start up when power is applied and the output voltage of the
regulator (VOUT) will come up to the proper value. The default setting for output voltage of the
LM43603EVM is 3.3V. Other output voltages can be set by replacing the feedback pin resistor dividers
RFBT and RFBB; please consult the datasheet for proper selection of these resistor values.
The default frequency for the LM43603EVM is 500 kHz. If other frequencies are desired, within the
frequency range of 200 kHz and 2.2 MHz, the RT resistor value can be changed. Please consult the
datasheet for proper selection of the RT resistor. You must change inductor (L_36_V_HC) and total output
capacitance for proper control loop operation.
3
SNVU388 – March 2014
LM43603EVM User’s Guide
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - LM43603EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43603EVM

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LM46002PWPEVM TAOS-LM46002PWPEVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
LM43603PWPEVM TAOS-LM43603PWPEVM Datasheet
925Kb / 16P
   LM43603EVM evaluation module (EVM) helps designers evaluate the operation
LM46000PWPEVM TAOS-LM46000PWPEVM Datasheet
802Kb / 14P
   LM46000EVM evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
SNAU136 TI-SNAU136 Datasheet
1Mb / 29P
[Old version datasheet]   The Texas Instruments LMX2581EVM evaluation module (EVM) helps designers evaluate the operation and performance of the LMX2581 Wideband Frequency Synthesizer.
logo
TEXAS ADVANCED OPTOELEC...
HDC1050EVM TAOS-HDC1050EVM Datasheet
4Mb / 46P
   HDC1050EVM evaluation module (EVM) enables designers to evaluate the operation and performance of the HDC1050 Relative Humidity and Temperature sensor.
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
PGA309EVM-USB TI-PGA309EVM-USB Datasheet
6Mb / 54P
[Old version datasheet]   This user?셲 guide describes the characteristics, operation, and use of the PGA309EVM-USB evaluation module (EVM).
TPS62175EVM-098 TI1-TPS62175EVM-098 Datasheet
740Kb / 15P
[Old version datasheet]   This user?셲 guide describes the characteristics, operation, and use of the Texas Instruments TPS62175 evaluation module (EVM).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com