Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53308 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI53308
Description  DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53308 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI53308 Datasheet HTML 1Page - Silicon Laboratories SI53308 Datasheet HTML 2Page - Silicon Laboratories SI53308 Datasheet HTML 3Page - Silicon Laboratories SI53308 Datasheet HTML 4Page - Silicon Laboratories SI53308 Datasheet HTML 5Page - Silicon Laboratories SI53308 Datasheet HTML 6Page - Silicon Laboratories SI53308 Datasheet HTML 7Page - Silicon Laboratories SI53308 Datasheet HTML 8Page - Silicon Laboratories SI53308 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev. 0.9 6/13
Copyright © 2013 by Silicon Laboratories
Si53308
Si53308
D UAL 1:3 L OW-J ITTER B UFFER/L EVEL TRANSLATOR
Features
Applications
Description
The Si53308 is an ultra low jitter six output differential buffer with pin-selectable
output clock signal format and divider selection. The device is a dual 1:3 buffer
providing the functionality of two independent buffers in a single IC. The Si53308
utilizes Silicon Laboratories' advanced CMOS technology to fanout clocks from 1
to 725 MHz with guaranteed low additive jitter, low skew, and low propagation
delay variability. The Si53308 features minimal cross-talk and provides superior
supply noise rejection, simplifying low jitter clock distribution in noisy
environments. Independent core and output bank supply pins provide integrated
level translation without the need for external circuitry.
Functional Block Diagram
6 differential or 12 (in phase)
LVCMOS outputs
Ultra-low additive jitter: 45 fs rms
Wide frequency range: 1 to 725 MHz
Any-format input with pin selectable
output formats: LVPECL, low power
LVPECL, LVDS, CML, HCSL,
LVCMOS
Synchronous output enable
Output clock division: /1, /2, /4
Low output-output skew: 25 ps
Loss of signal (LOS) monitors for
loss of input clock
Independent VDD and VDDO :
1.8/2.5/3.3 V
Selectable LVCMOS drive strength to
tailor jitter and EMI performance
Small size: 32-QFN (5 mm x 5 mm)
RoHS compliant, Pb-free
Industrial temperature range:
–40 to +85 °C
High-speed clock distribution
Ethernet switch/router
Optical Transport Network (OTN)
SONET/SDH
PCI Express Gen 1/2/3
Storage
Telecom
Industrial
Servers
Backplane clock distribution
VREF
DivA
DivB
Power
Supply
Filtering
Vref
Generator
VDDOB
OEB
SFOUTB[1:0]
Q0, Q1, Q2
Q0, Q1, Q2
OEA
VDDOA
SFOUTA[1:0]
DIVA
DIVB
CLK0
CLK0
CLK1
CLK1
Q3, Q4, Q5
Q3, Q4, Q5
Patents pending
Ordering Information:
See page 28.
Pin Assignments
GND
PAD
18
17
20
19
21
23
22
24
7
8
5
6
4
2
3
1
NC
VDD
Q0
Q0
Q5
Q5
VDDOA
VREF
GND
DIVA
SFOUTA[1]
SFOUTA[0]
DIVB
SFOUTB[1]
SFOUTB[0]
VDDOB
Si53308


Similar Part No. - SI53308

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53308-B-GM SKYWORKS-SI53308-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Similar Description - SI53308

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Skyworks Solutions Inc.
SI53313 SKYWORKS-SI53313 Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com