Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC618ALP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC618ALP3E
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618ALP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC618ALP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC618ALP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
7
7 - 3
Output Return Loss vs. Temperature [1]
Reverse Isolation vs. Temperature [1]
[1] Vdd = 5V, Rbias = 470 Ohm [2] Vdd = 3V, Rbias = 10K Ohm
[3] Measurement reference plane shown on evaluation PCB drawing.
Psat vs. Temperature [1] [2]
Noise Figure vs Temperature [1] [2] [3]
Output P1dB vs. Temperature [1] [2]
Output IP3 vs. Temperature [1] [2]
HMC618ALP3E
v00.1014
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
1700 to 2200 MHz Tune
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
Vdd=3V
Vdd=5V
10
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
24
26
28
30
32
34
36
38
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25 C
-40C


Similar Part No. - HMC618ALP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC618ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC617LP3 HITTITE-HMC617LP3 Datasheet
1Mb / 8P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 0.55 - 1.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com