Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53119 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI53119
Description  19-OUTPUT PCIE GEN 3 BUFFER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53119 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI53119 Datasheet HTML 4Page - Silicon Laboratories SI53119 Datasheet HTML 5Page - Silicon Laboratories SI53119 Datasheet HTML 6Page - Silicon Laboratories SI53119 Datasheet HTML 7Page - Silicon Laboratories SI53119 Datasheet HTML 8Page - Silicon Laboratories SI53119 Datasheet HTML 9Page - Silicon Laboratories SI53119 Datasheet HTML 10Page - Silicon Laboratories SI53119 Datasheet HTML 11Page - Silicon Laboratories SI53119 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Si53119
8
Rev. 1.1
Table 6. Phase Jitter
Parameter
Test Condition
Min
Typ
Max
Unit
Phase Jitter
PLL Mode
PCIe Gen 1, Common Clock1,2,3
—25
86
ps
PCIe Gen 2 Low Band, Common Clock
F < 1.5 MHz1,3,4,5
2.5
3.0
ps
(RMS)
PCIe Gen 2 High Band, Common Clock
1.5 MHz < F < Nyquist1,3,4,5
2.5
3.1
ps
(RMS)
PCIe Gen 3, Common Clock
(PLL BW 2–4 MHz, CDR = 10 MHz)
0.5
1.0
ps
(RMS)
PCIe Gen 3 Separate Reference No Spread, SRNS
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)1,3,4,5
0.35
0.71
ps
(RMS)
PCIe Gen 4, Common Clock
(PLL BW of 2–4 or 2–5 MHz, CDR = 10 MHz)1,4,5,8
—0.5
1.0
ps
(RMS)
Intel® QPI & Intel SMI
(4.8 Gbps or 6.4 Gb/s, 100 or 133 MHz, 12 UI)1,6,7
0.25
0.5
ps
(RMS)
Intel QPI & Intel SMI
(8 Gb/s, 100 MHz, 12 UI)1,6
0.15
0.3
ps
(RMS)
Intel QPI & Intel SMI
(9.6 Gb/s, 100 MHz, 12 UI)1,6
0.16
0.2
ps
(RMS)
Notes:
1.
Post processed evaluation through Intel supplied Matlab* scripts. Defined for a BER of 1E-12. Measured values at a
smaller sample size have to be extrapolated to this BER target.
2.
ζ = 0.54 implies a jitter peaking of 3 dB.
3.
PCIe* Gen 3 filter characteristics are subject to final ratification by PCISIG. Check the PCI-SIG for the latest
specification.
4.
Measured on 100 MHz PCIe output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
5.
Measured on 100 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
6.
Measured on 100 MHz, 133 MHz output using the template file in the Intel-supplied Clock Jitter Tool V1.6.3.
7.
These jitter numbers are defined for a BER of 1E-12. Measured numbers at a smaller sample size have to be
extrapolated to this BER target.
8.
Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5.
9.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Similar Part No. - SI53119

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A01AGM SKYWORKS-SI53119-A01AGM Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A01AGMR SKYWORKS-SI53119-A01AGMR Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
logo
Silicon Laboratories
SI53119-A03A SILABS-SI53119-A03A Datasheet
1Mb / 34P
   PLL or bypass mode
logo
Skyworks Solutions Inc.
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
More results

Similar Description - SI53119

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com