Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53106 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI53106
Description  SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53106 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53106 Datasheet HTML 7Page - Silicon Laboratories SI53106 Datasheet HTML 8Page - Silicon Laboratories SI53106 Datasheet HTML 9Page - Silicon Laboratories SI53106 Datasheet HTML 10Page - Silicon Laboratories SI53106 Datasheet HTML 11Page - Silicon Laboratories SI53106 Datasheet HTML 12Page - Silicon Laboratories SI53106 Datasheet HTML 13Page - Silicon Laboratories SI53106 Datasheet HTML 14Page - Silicon Laboratories SI53106 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Si53106
Rev. 1.2
11
Table 7. Clock Periods Differential Clock Outputs with SSC Disabled
SSC ON
Center
Freq, MHz
Measurement Window
Unit
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
–C–C
Jitter
AbsPer
Min
–SSC
Short
Term AVG
Min
–ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C–C
Jitter
AbsPer
Max
100.00
9.94900
9.99900
10.00000
10.00100
10.05100
ns
133.33
7.44925
7.49925
7.50000
7.50075
7.55075
ns
Table 8. Clock Periods Differential Clock Outputs with SSC Enabled
SSC ON
Center
Freq, MHz
Measurement Window
Unit
1 Clock
1 µs
0.1s
0.1s
0.1s
1µs
1 Clock
–C–C
Jitter
AbsPer
Min
–SSC
Short
Term AVG
Min
–ppm
Long
Term AVG
Min
0ppm
Period
Nominal
+ppm
Long
Term AVG
Max
+SSC
Short
Term AVG
Max
+C–C
Jitter
AbsPer
Max
99.75
9.94900
9.99900
10.02406
10.02506
10.02607
10.05126
10.10126
ns
133.33
7.44925
7.49925
7.51805
7.51880
7.51955
7.53845
7.58845
ns
Table 9. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
3.3 V Core Supply Voltage1
VDD/VDD_A
—4.6
V
3.3 V I/O Supply Voltage1
VDD_IO
—4.6
V
3.3 V Input High Voltage1,2
VIH
—4.6
V
3.3 V Input Low Voltage1
VIL
−0.5
V
Storage Temperature1
ts
–65
150
°C
Input ESD protection3
ESD
2000
V
Notes:
1.
Consult manufacturer regarding extended operation in excess of normal dc operating parameters.
2.
Maximum VIH is not to exceed maximum VDD.
3.
Human body model.


Similar Part No. - SI53106

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106-A01AGM SKYWORKS-SI53106-A01AGM Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106-A01AGMR SKYWORKS-SI53106-A01AGMR Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results

Similar Description - SI53106

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108 SILABS-SI53108 Datasheet
1Mb / 38P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com