Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53102-A1 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI53102-A1
Description  PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53102-A1 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI53102-A1 Datasheet HTML 3Page - Silicon Laboratories SI53102-A1 Datasheet HTML 4Page - Silicon Laboratories SI53102-A1 Datasheet HTML 5Page - Silicon Laboratories SI53102-A1 Datasheet HTML 6Page - Silicon Laboratories SI53102-A1 Datasheet HTML 7Page - Silicon Laboratories SI53102-A1 Datasheet HTML 8Page - Silicon Laboratories SI53102-A1 Datasheet HTML 9Page - Silicon Laboratories SI53102-A1 Datasheet HTML 10Page - Silicon Laboratories SI53102-A1 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Si53102-A1/A2/A3
Rev 1.2
7
2. Test and Measurement Setup
Figures 1 through 3 show the test load configuration for the differential clock signals.
Figure 1. 0.7 V Differential Load Configuration
The outputs from this device can also support LVDS, LVPECL, or CML differential signaling levels using alternative
termination. For recommendations on how to achieve this, see “AN781: Alternative Output Termination for
Si5213x, Si5214x, Si5121x, and Si5315x PCIe Clock Generator and Buffer Families” at www.silabs.com.
Figure 2. Differential Measurement for Differential Output Signals
(AC Parameters Measurement)
M eas ure m ent
Po in t
2p F
50
M e as ur em e n t
Po in t
2p F
50
L1
L1 = 5 "
OU T +
OU T -
L1


Similar Part No. - SI53102-A1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GM SKYWORKS-SI53102-A1-GM Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GMR SKYWORKS-SI53102-A1-GMR Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results

Similar Description - SI53102-A1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
   PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Silicon Laboratories
SI53152 SILABS-SI53152 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
SI53156 SILABS-SI53156 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53152 SKYWORKS-SI53152 Datasheet
1,007Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.2
SI53156 SKYWORKS-SI53156 Datasheet
1,014Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.3
SI53156-A13A SKYWORKS-SI53156-A13A Datasheet
988Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 FANOUT BUFFER
Rev. 1.0
logo
Silicon Laboratories
SI53154 SILABS-SI53154 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
logo
Skyworks Solutions Inc.
SI53154 SKYWORKS-SI53154 Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com