Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPMPU16A-102 Datasheet(PDF) 2 Page - Total Power International

Part # TPMPU16A-102
Description  15W Desk Top Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMPU16A-102 Datasheet(HTML) 2 Page - Total Power International

  TPMPU16A-102 Datasheet HTML 1Page - Total Power International TPMPU16A-102 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingC rve:
u
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:170gsapprox.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
15WDeskTopType
TPMPU16A SERIES
MedicalPowerSupplies
TPMPU16A-102
TPMPU16A-103
TPMPU16A-104
TPMPU16A-105
TPMPU16A-106
TPMPU16A-107
TPMPU16A-108
TPMPU16A-109
TPMPU16A-110
5~6VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~36VDC
2.60~2.16 A
2.16~1.62 A
1.87~1.36 A
1.36~1.15 A
1.15~0.93 A
0.93~0.71 A
0.71~0.55 A
0.55~0.45 A
0.45~0.41 A
5%
5%
5%
5%
5%
5%
3%
3%
3%
13W
13W
15W
15W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
15W
15W
15W
15W
15W
TPMPU16A-102~103arerequiredtouse AWG#16/4FT outputcable.
TPMPU16A-105~110arerequired to use AWG#18/4FT outputcable.
Theregulation and efficiencywillbechanged by modifiedoutput cable.
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPMPU16A-102

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B-102 TOTAL-POWER-TPMPU16B-102 Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B-103 TOTAL-POWER-TPMPU16B-103 Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B-104 TOTAL-POWER-TPMPU16B-104 Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B-105 TOTAL-POWER-TPMPU16B-105 Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
More results

Similar Description - TPMPU16A-102

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMPU16C TOTAL-POWER-TPMPU16C Datasheet
283Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPMPU16B TOTAL-POWER-TPMPU16B Datasheet
184Kb / 2P
   15W Desk Top Type Medical Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
logo
MPS Industries, Inc.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
TPMPU130 TOTAL-POWER-TPMPU130 Datasheet
378Kb / 2P
   130W Desk Top Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com