Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPMI19 Datasheet(PDF) 1 Page - Total Power International

Part # TPMI19
Description  ACCOMMODATE UNIVERSAL AC SOURCES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMI19 Datasheet(HTML) 1 Page - Total Power International

  TPMI19 Datasheet HTML 1Page - Total Power International TPMI19 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME
SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING
POWER SUPPLIES TPMI19 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET MEDICAL STANDARD EN 60601-1/
UL 2601-1
EMI MEET EN 55011 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 73%.
Switching Frequency: Typ. 67K Hz.
Circuit Topology: Fixed-frequency Flyback Circuit.
Transient Response: Output voltage returns in
less than 0.2mS following a 25% load change.
Safety standard: Meet Medical standards UL2601-1/
EN 60601-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Construction: L-Bracket open frame format.
Power Density: 3.3 Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: Molex 5273 or equivalent.
Input Frequency: 47-63Hz.
Inrush Current: 16A @ 230Vac.
Input Current: 0.4A@115Vac & 0.22A@230Vac.
Dielectric Withstand: Meet IEC 60601-1.
EMI: Meet EN55011 & FCC Class B.
Hold-up Time: Typ. 14mS @ 115Vac.
Typ. 70mS @ 230Vac.
Earth Leakage: Less than 0.10 mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 19-20W.
Output Connector: Molex 5273 or 41671.
Line Regulation: Typ. 0.2-1.0%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±2-3.0%(Stacked).
Aux. VO3 typ. ±1-2.0%(P.R.).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main output VO1.
Adjustability: Factory set.
Over Load Protection (OLP):
Fully protected against overload or short circuit.
Typ. 120-150% max. load.
Consult the factory for special OLP setting.
In application
Total Power International, Inc.


Similar Part No. - TPMI19

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100-D050I TOTAL-POWER-TPMI100-D050I Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100-D050K TOTAL-POWER-TPMI100-D050K Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100-Q033EII TOTAL-POWER-TPMI100-Q033EII Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI100-Q050DII TOTAL-POWER-TPMI100-Q050DII Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results

Similar Description - TPMI19

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPIMP151 TOTAL-POWER-TPIMP151 Datasheet
303Kb / 3P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI63 TOTAL-POWER-TPMI63 Datasheet
169Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU100 TOTAL-POWER-TPPU100 Datasheet
393Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
RSG Electronic Componen...
HPU60-S025180 RSG-HPU60-S025180 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI40 TOTAL-POWER-TPMI40 Datasheet
153Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPMI43 TOTAL-POWER-TPMI43 Datasheet
178Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com