Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800AEVM Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DS125BR800AEVM
Description  SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DS125BR800AEVM Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  DS125BR800AEVM Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS125BR800AEVM Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
4-Level IO Control
2
4-Level IO Control
Many of the control pins on the DS125BR800A have more than two valid levels. Table 1 below shows how
to access each of these levels with the switch banks on the back side of the EVM.
Table 1. Switches to set the 4-Level input control pins
4-Level Input Settings
Setting for 3-pin switches (3-2-1)
0 - Tie 1 k
Ω to GND
ON - OFF - OFF
R - Tie 20 k
Ω to GND
OFF - ON - OFF
F - FLOAT (open)
OFF - OFF - OFF
1 - Tie 1 k
Ω to VIH
OFF - OFF - ON
The following switches are used to set the input condition for the 4-level inputs:
SW1, SW2, SW3, SW5, SW6, SW8, SW9
There are 3 switches connected to an input signal pin. Each switch when set to the ON position sets the
pin to one of the 4-level setting. The 6-pin switches are assigned similar to the 3-pin switches. The only
difference is 2 signal pins are connected and thus 6-5-4 is for the one signal pin and 3-2-1 is for another
signal pin.
NOTE:
Only 1 switch at the ON position is allowed. Activating more than one switch concurrently
results in an indeterminate voltage level.
5
SNLU151 – September 2013
DS125BR800AEVM Evaluation Kit
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800AEVM

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Maxim Integrated Produc...
MAX30001EVSYS MAXIM-MAX30001EVSYS Datasheet
7Mb / 34P
   Convenient Platform to Evaluate the MAX30001
Rev 0; 10/17
DS33M30DK MAXIM-DS33M30DK Datasheet
1Mb / 28P
   Careful Layout Provides Signal Integrity
Rev: 102108
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
logo
Maxim Integrated Produc...
MAX22518EVKIT MAXIM-MAX22518EVKIT Datasheet
2Mb / 13P
   MAX22518 Evaluation Kit Evaluate: MAX22517?묺AX22519
Rev 2; 8/20
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
Texas Instruments
SBAU012 TI-SBAU012 Datasheet
157Kb / 11P
[Old version datasheet]   COMPLETE EVALUATION PLATFORM FOR THE PCM1604 SIX-CHANNEL AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com