Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI52112-B6 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI52112-B6
Description  PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-B6 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI52112-B6 Datasheet HTML 7Page - Silicon Laboratories SI52112-B6 Datasheet HTML 8Page - Silicon Laboratories SI52112-B6 Datasheet HTML 9Page - Silicon Laboratories SI52112-B6 Datasheet HTML 10Page - Silicon Laboratories SI52112-B6 Datasheet HTML 11Page - Silicon Laboratories SI52112-B6 Datasheet HTML 12Page - Silicon Laboratories SI52112-B6 Datasheet HTML 13Page - Silicon Laboratories SI52112-B6 Datasheet HTML 14Page - Silicon Laboratories SI52112-B6 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si52112-B5/B6
Rev 1.2
11
4. Pin Descriptions
4.1. 10-Pin TDFN
Figure 6. 10-Pin TDFN
Table 7. 10-Pin TDFN Descriptions
Pin #
Name
Type
Description
1VDD
PWR 3.3 V power supply.
2XOUT
O
25.00 MHz crystal output, Float XOUT if using only CLKIN (clock input).
3
XIN/CLKIN
I
25.00 MHz crystal input or 3.3 V, 25 MHz clock Input.
4
VSS
GND Ground.
5
VSS
GND Ground.
6
DIFF1
O, DIF 0.7 V, 100 MHz differential clock output.
7
DIFF1
O, DIF 0.7 V, 100 MHz differential clock output.
8
DIFF2
O, DIF 0.7 V, 100 MHz differential clock output.
9
DIFF2
O, DIF 0.7 V, 100 MHz differential clock output.
10
VDD
PWR 3.3 V power supply.
10
9
8
7
1
2
3
4
VDD
VDD
XOUT
XIN/CLKIN
VSS
VSS
5
6
DIFF1
DIFF1
DIFF2
DIFF2


Similar Part No. - SI52112-B6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52112-B6 SKYWORKS-SI52112-B6 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM2 SKYWORKS-SI52112-B6-GM2 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM2R SKYWORKS-SI52112-B6-GM2R Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM3 SKYWORKS-SI52112-B6-GM3 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52112-B6-GM3R SKYWORKS-SI52112-B6-GM3R Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
More results

Similar Description - SI52112-B6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52111-B5 SKYWORKS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
SI52111-B5 SILABS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com