Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI52111-B6 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI52111-B6
Description  PCI-EXPRESS GEN 3 SINGLE OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52111-B6 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI52111-B6 Datasheet HTML 1Page - Silicon Laboratories SI52111-B6 Datasheet HTML 2Page - Silicon Laboratories SI52111-B6 Datasheet HTML 3Page - Silicon Laboratories SI52111-B6 Datasheet HTML 4Page - Silicon Laboratories SI52111-B6 Datasheet HTML 5Page - Silicon Laboratories SI52111-B6 Datasheet HTML 6Page - Silicon Laboratories SI52111-B6 Datasheet HTML 7Page - Silicon Laboratories SI52111-B6 Datasheet HTML 8Page - Silicon Laboratories SI52111-B6 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si52111 -B5/B6
4
Rev 1.2
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage (extended)
VDD(extended)
3.3 V ± 5%
3.13
3.3
3.46
V
Supply Voltage (commercial)
VDD(commercial)
3.3 V ± 10%
2.97
3.3
3.63
V
Table 2. DC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
3.3 V ± 10%
2.97
3.30
3.63
V
Operating Supply Current
IDD
Full Active
13
mA
Input Pin Capacitance
CIN
Input Pin Capacitance
3
5
pF
Output Pin Capacitance
COUT
Output Pin Capacitance
5
pF
Table 3. AC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
45
55
%
CLKIN Rise and Fall Times
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle-to-Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
——
35
uA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
uA
DIFF Clocks
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Skew
TSKEW
Measured at 0 V differential
60
ps
Output Frequency
FOUT
VDD = 3.3 V
100
MHz
Frequency Accuracy
FACC
All output clocks
——
100
ppm
Slew Rate
tr/f2
Measured differentially from
±150 mV
0.6
4.0
V/ns
Notes:
1.
Visit www.pcisig.com for complete PCIe specifications.
2.
Gen 4 specifications based on the PCI-Express Base Specification 4.0 rev. 0.5
3.
Download the Silicon Labs PCIe Clock Jitter Tool at www.silabs.com/pcie-learningcenter.


Similar Part No. - SI52111-B6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52111-B6 SKYWORKS-SI52111-B6 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B6-GM2 SKYWORKS-SI52111-B6-GM2 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B6-GM2R SKYWORKS-SI52111-B6-GM2R Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B6-GT SKYWORKS-SI52111-B6-GT Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B6-GTR SKYWORKS-SI52111-B6-GTR Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

Similar Description - SI52111-B6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52111-B5 SKYWORKS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI52111-B3 SILABS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52111-B3 SKYWORKS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
Rev. 1.1
logo
Silicon Laboratories
SI52111-A1 SILABS-SI52111-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 SINGLE OUTPUT CLOCK GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com