Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX70J Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCX70J
Description  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70J Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCX70J Datasheet HTML 1Page - Infineon Technologies AG BCX70J Datasheet HTML 2Page - Infineon Technologies AG BCX70J Datasheet HTML 3Page - Infineon Technologies AG BCX70J Datasheet HTML 4Page - Infineon Technologies AG BCX70J Datasheet HTML 5Page - Infineon Technologies AG BCX70J Datasheet HTML 6Page - Infineon Technologies AG BCX70J Datasheet HTML 7Page - Infineon Technologies AG BCX70J Datasheet HTML 8Page - Infineon Technologies AG BCX70J Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCW60, BCX70
6
Jan-29-2002
Collector-base capacitance CCB = f (VCBO)
Emitter-base capacitance CEB = f (VEBO)
10
EHP00327
BCW 60/BCX 70
-1
1
10
V
10
0
6
12
pF
0
2
4
8
10
CBO
VV
EBO
EBO
C
C
CBO
EBO
C
C
CBO
)
)
(
(
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90 105 120
°C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00328
BCW 60/BCX 70
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t
Transition frequency fT = f (IC)
VCE = 5V
10
EHP00330
BCW 60/BCX 70
-1
2
10
mA
1
10
3
10
5
10
0
10
1
10
2
C
T
f
MHz
Ι


Similar Part No. - BCX70J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70J PHILIPS-BCX70J Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Shenzhen Jin Yu Semicon...
BCX70J HTSEMI-BCX70J Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
logo
SHIKUES Electronics
BCX70J SKTECHNOLGY-BCX70J Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Samsung semiconductor
BCX70J SAMSUNG-BCX70J Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Rohm
BCX70J ROHM-BCX70J Datasheet
992Kb / 3P
   NPN small signal transistor
More results

Similar Description - BCX70J

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com