Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW68F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCW68F
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW68F Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCW68F Datasheet HTML 1Page - Infineon Technologies AG BCW68F Datasheet HTML 2Page - Infineon Technologies AG BCW68F Datasheet HTML 3Page - Infineon Technologies AG BCW68F Datasheet HTML 4Page - Infineon Technologies AG BCW68F Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCW67, BCW68
3
Jul-10-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
DC current gain 1)
IC = 500 mA, VCE = 2 V
hFE-grp.A/F
hFE-grp.B/G
hFE-grp.C/H
hFE
35
60
100
-
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VCEsat
-
-
-
-
0.3
0.7
V
Base-emitter saturation voltage 1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VBEsat
-
-
-
-
1.25
2
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
-
200
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
60
-


Similar Part No. - BCW68F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Central Semiconductor C...
BCW68F CENTRAL-BCW68F Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Galaxy Semi-Conductor H...
BCW68F BILIN-BCW68F Datasheet
157Kb / 4P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
BCW68F DIOTEC-BCW68F Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCW68F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com