Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW66G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCW66G
Description  NPN Silicon AF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW66G Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCW66G Datasheet HTML 1Page - Infineon Technologies AG BCW66G Datasheet HTML 2Page - Infineon Technologies AG BCW66G Datasheet HTML 3Page - Infineon Technologies AG BCW66G Datasheet HTML 4Page - Infineon Technologies AG BCW66G Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCW65, BCW66
5
Jul-10-2001
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
10
0
600
BCW 65/66
EHP00395
V
CE sat
10
mA
10
10
10
3
2
1
0
-1
5
5
5
mV
200
400
800
150
25
-50
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
10
03
BCW 65/66
EHP00394
VBE sat
10
mA
10
Ι
C
10
10
3
2
1
0
-1
5
5
5
V
12
4
150
25
-50 ˚C
˚C
˚C
DC current gain hFE = f (IC)
VCE = 1V
10
10
10
10
BCW 65/66
EHP00396
h
mA
-1
0
2
3
FE
3
10
102
0
10
5
5
101
1
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C


Similar Part No. - BCW66G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66G STMICROELECTRONICS-BCW66G Datasheet
39Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
SeCoS Halbleitertechnol...
BCW66G SECOS-BCW66G Datasheet
61Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Zetex Semiconductors
BCW66G ZETEX-BCW66G Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
BCW66G CDIL-BCW66G Datasheet
86Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
Siemens Semiconductor G...
BCW66G SIEMENS-BCW66G Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results

Similar Description - BCW66G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com