Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A165E-01 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A165E-01
Description  Separate Construction with Smallest Class of Depth in the World
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165E-01 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A165E-01 Datasheet HTML 1Page - Omron Electronics LLC A165E-01 Datasheet HTML 2Page - Omron Electronics LLC A165E-01 Datasheet HTML 3Page - Omron Electronics LLC A165E-01 Datasheet HTML 4Page - Omron Electronics LLC A165E-01 Datasheet HTML 5Page - Omron Electronics LLC A165E-01 Datasheet HTML 6Page - Omron Electronics LLC A165E-01 Datasheet HTML 7Page - Omron Electronics LLC A165E-01 Datasheet HTML 8Page - Omron Electronics LLC A165E-01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
C64I-E-01
1
Emergency Stop Switch (16-dia.)
A165E
Separate Construction with Smallest
Class of Depth in the World
• Direct opening mechanism to open contacts in emergencies,
such as when they are welded.
• Conforms to EN 60947-5-5.
• Includes a safety lock to prevent misuse.
• Features separate construction that allows the Switch to be
separated for easier wiring and one-piece construction that
allows easier handling.
• Models available with 3 contacts built into a single block
(A165E-U).
Model Number Structure
List of Models
Model Number Legend (Completely Assembled).........................Shipped as a set that includes the Operation Unit
and light source.
Diameter of
Operation Unit
Function
Model
Shape
30-mm models
40-mm models
Push-Lock,
turn-reset
A165E
Separate
construction
(30-mm model)
A165E-
@-03U
One-piece
construction
(30-mm model)
Be sure to read the “Safety Precautions” on page 9.
S
LS
M
LM
None
24D
01
IP65 (Oil-resistant)
02
03U
2. Light Source
1. Operation Unit Shape and Functions
Code
30 dia.
40 dia.
3. Contacts
Code
Description
SPST-NC
DPST-NC
TPST-NC
*
* TPST-NC models have
one-piece construction with
the contact unit. Only
non-lighted models are
available.
Note: Models with separate construction
(SPST-NC and DPST-NC) are for
normal loads only. One-piece models
(TPST-NC) are for either normal loads
or microloads.
Non-lighted
Lighted
Non-lighted
Lighted
Push-lock,
turn-reset
Code
Non-lighted
LED
24 VAC/
VDC±5%
24 VAC/
VDC
---
---
Functions
Type
Operation
voltage
Rated
voltage
Pushbutton
LS 24D 02


Similar Part No. - A165E-01

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A165 3M-A165 Datasheet
142Kb / 2P
   3M??Diamond Pad Conditioner A165
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
logo
KEC(Korea Electronics)
A1658 KEC-A1658 Datasheet
177Kb / 5P
   2SC3229
logo
Inchange Semiconductor ...
A1659 ISC-A1659 Datasheet
119Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - A165E-01

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
   The smallest 3 color type LED in the world
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
   The smallest 3 color type LED in the world PICOLED-RGB
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com