Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216C0G2E103J115AA Datasheet(PDF) 1 Page - TDK Electronics

Part # C3216C0G2E103J115AA
Description  Commercial Grade ( Mid Voltage (100 to 630V) )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2E103J115AA Datasheet(HTML) 1 Page - TDK Electronics

  C3216C0G2E103J115AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Mid Voltage (100 to 630V) )
C3216 [EIA CC1206]
L
3.20mm +/-0.2mm
W
1.60mm +/-0.2mm
T
1.15mm +/-0.15mm
B
0.20mm Min.
G
C0G (-55 to 125 degC 0+/-30ppm/degC)
2E (250Vdc)
10nF
J (+/-5%)
1000 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 3, 2016
C3216C0G2E103J115AA
TDK Item Description : C3216C0G2E103JT****
Cap. vs. Freq. Characteristic
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
50
100
150
200
250
300
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C3216C0G2E103J115AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2E103J115AA TDK-C3216C0G2E103J115AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2E103J115AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1608C0G2A2R2C080AA TDK-C1608C0G2A2R2C080AA_16 Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com