Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2230 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2230
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2230 Datasheet HTML 5Page - Analog Devices ADP2230 Datasheet HTML 6Page - Analog Devices ADP2230 Datasheet HTML 7Page - Analog Devices ADP2230 Datasheet HTML 8Page - Analog Devices ADP2230 Datasheet HTML 9Page - Analog Devices ADP2230 Datasheet HTML 10Page - Analog Devices ADP2230 Datasheet HTML 11Page - Analog Devices ADP2230 Datasheet HTML 12Page - Analog Devices ADP2230 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADP2230
Rev. A | Page 9 of 18
Figure 15. Load Transient Response, VOUT = 1.2 V, Auto Mode, 50 mA to 250 mA
Figure 16. Load Transient Response, VOUT = 1.2 V, Auto Mode, 200 mA to 600 mA
Figure 17. Load Transient Response, VOUT = 1.8 V, Auto Mode, 10 mA to 110 mA
Figure 18. Load Transient Response, VOUT = 1.8 V, Auto Mode, 50 mA to 250 mA
Figure 19. Load Transient Response, VOUT = 1.8 V, Auto Mode, 200 mA to 600 mA
Figure 20. Load Transient Response, VOUT = 3.3 V, Auto Mode, 10 mA to 110 mA
1
4
LOAD CURRENT (100mA/DIV)
OUTPUT VOLTAGE (50mV/DIV)
AC-COUPLED
TIME (40µs/DIV)
1
4
LOAD CURRENT (200mA/DIV)
OUTPUT VOLTAGE (50mV/DIV)
AC-COUPLED
TIME (40µs/DIV)
1
4
LOAD CURRENT (50mA/DIV)
OUTPUT VOLTAGE (50mV/DIV)
AC-COUPLED
TIME (40µs/DIV)
1
4
LOAD CURRENT (100mA/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC-COUPLED
TIME (40µs/DIV)
1
4
LOAD CURRENT (200mA/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC-COUPLED
TIME (40µs/DIV)
1
4
LOAD CURRENT (50mA/DIV)
OUTPUT VOLTAGE (50mV/DIV)
AC-COUPLED
TIME (40µs/DIV)


Similar Part No. - ADP2230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP223 AD-ADP223 Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
ADP223ACPZ-R7 AD-ADP223ACPZ-R7 Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
ADP223CP-EVALZ AD-ADP223CP-EVALZ Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
More results

Similar Description - ADP2230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891930 ONSEMI-NCV891930 Datasheet
444Kb / 33P
   Low Quiescent Current 2 MHz Automotive Synchronous Buck Controller
May, 2020 ??Rev. 4
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com