Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5208FBRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5208FBRUZ
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5208FBRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5208FBRUZ Datasheet HTML 5Page - Analog Devices ADG5208FBRUZ Datasheet HTML 6Page - Analog Devices ADG5208FBRUZ Datasheet HTML 7Page - Analog Devices ADG5208FBRUZ Datasheet HTML 8Page - Analog Devices ADG5208FBRUZ Datasheet HTML 9Page - Analog Devices ADG5208FBRUZ Datasheet HTML 10Page - Analog Devices ADG5208FBRUZ Datasheet HTML 11Page - Analog Devices ADG5208FBRUZ Datasheet HTML 12Page - Analog Devices ADG5208FBRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADG5208F/ADG5209F
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, CDECOUPLING = 0.1 µF, unless otherwise noted.
Table 4.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 32.4 V, VSS = 0 V, see Figure 36
Analog Signal Range
0 V to VDD
V
On Resistance, RON
310
Ω typ
VS = 0 V to 30 V, IS = −1 mA
335
415
480
Ω max
250
Ω typ
VS = 4.5 V to 28 V, IS = −1 mA
270
335
395
Ω max
On-Resistance Match Between
Channels, ∆RON
3
Ω typ
VS = 0 V to 30 V, IS = −1 mA
7
16
18
Ω max
3
Ω typ
VS = 4.5 V to 28 V, IS = −1 mA
6.5
11
12
Ω max
On-Resistance Flatness, RFLAT(ON)
62
Ω typ
VS = 0 V to 30 V, IS = −1 mA
70
85
100
Ω max
1.5
Ω typ
VS = 4.5 V to 28 V, IS = −1 mA
3.5
4
4
Ω max
Threshold Voltage, VT
0.7
V typ
See Figure 28
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = 1 V/ 30 V, VD = 30 V/1 V, see Figure 34
±1
±2
±5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V/ 30 V, VD = 30 V/1 V, see Figure 34
±1
±5
±10
nA max
Channel On Leakage, ID (On), IS (On)
±0.3
nA typ
VS = VD = 1 V/30 V, see Figure 35
±1.5
±20
±25
nA max
FAULT
Source Leakage Current, IS
With Overvoltage
±58
µA typ
VDD = +39.6 V, VSS = 0 V, GND = 0 V, VS = +55 V,
−40 V, see Figure 33
Power Supplies Grounded or
Floating
±25
µA typ
VDD = 0 V or floating, VSS = 0 V or floating, GND =
0 V, Ax = 0 V or floating, VS = ±55 V, see Figure 32
Drain Leakage Current, ID
With Overvoltage
±10
nA typ
VDD = 39.6 V, VSS = 0 V, GND = 0 V, VS = ±55 V, see
Figure 33
±50
±70
±90
nA max
Power Supplies Grounded
±500
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS = +55 V, −40 V,
Ax = 0 V, see Figure 32
±700
±700
±700
nA max
Power Supplies Floating
±50
±50
±50
µA typ
VDD = floating, VSS = floating, GND = 0 V, VS = ±55 V,
Ax = 0 V, see Figure 32
DIGITAL INPUTS
Input Voltage
High, VINH
2.0
V min
Low, VINL
0.8
V max
Input Current, IINL or IINH
±0.7
µA typ
VIN = VGND or VDD
±1.1
±1.2
µA max
Digital Input Capacitance, CIN
5.0
pF typ
Rev. 0 | Page 9 of 27


Similar Part No. - ADG5208FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208FBRUZ AD-ADG5208FBRUZ Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5208FBRUZ-RL7 AD-ADG5208FBRUZ-RL7 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results

Similar Description - ADG5208FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com