Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-SDP-CB1Z Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-SDP-CB1Z
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-SDP-CB1Z Datasheet(HTML) 1 Page - Analog Devices

  EVAL-SDP-CB1Z Datasheet HTML 1Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 2Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 3Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 4Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 5Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 6Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 7Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 8Page - Analog Devices EVAL-SDP-CB1Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
16-Bit, 1 MSPS/500 kSPS
Differential PulSAR ADCs
Data Sheet
AD7915/AD7916
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power dissipation
AD7915
4 mW at 1 MSPS (VDD only)
7 mW at 1 MSPS (total)
AD7916
2 mW at 500 kSPS (VDD only)
3.7 mW at 500 kSPS (total)
16-bit resolution with no missing codes
Throughput: 1 MSPS (AD7915)/500 kSPS (AD7916)
INL: ±0.4 LSB typical, ±1 LSB maximum
SNR: 94 dB at 1 kHz, VREF = 5 V
SINAD: 93.5 dB at 1 kHz, VREF = 5 V
THD: −118.5 dB at 1 kHz
Dynamic range: 95.5 dB, VREF = 5 V
True differential analog input range: ±VREF
0 V to VREF with VREF between 2.4 V and 5.1 V
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
interface
Proprietary serial interface: SPI-/QSPI-/MICROWIRE™-/DSP-
compatible1
Ability to daisy-chain multiple ADCs
10-lead packages: MSOP and 3 mm × 3 mm LFCSP
APPLICATIONS
Battery-powered equipment
Data acquisition systems
Medical instruments
Seismic data acquisition systems
GENERAL DESCRIPTION
The AD7915/AD7916 are 16-bit, successive approximation,
analog-to-digital converters (ADCs) that operate from a single
power supply, VDD. They contain a low power, high speed,
16-bit sampling ADC and a versatile serial interface port. On
the CNV rising edge, the AD7915/AD7916 sample the voltage
difference between the IN+ and IN− pins. The voltages on these
pins typically swing in opposite phases between 0 V and VREF.
The reference voltage, REF, is applied externally and can be set
independent of the supply voltage, VDD. The power consumption
of the AD7915/AD7916 scales linearly with throughput.
The AD7915/AD7916 are serial peripheral interface (SPI)
compatible, which features the ability, using the SDI input, to
daisy-chain several ADCs on a single 3-wire bus. They are
compatible with 1.8 V, 2.5 V, 3 V, and 5 V logic using the
separate VIO supply.
The AD7915/AD7916 are available in a 10-lead MSOP or a
10-lead LFCSP with operation specified from −40°C to +125°C.
Table 1. MSOP, LFCSP 14-/16-/18-Bit PulSAR® ADCs
Bits
100 kSPS
250 kSPS
400 kSPS to 500 kSPS
≥1000 kSPS
181
AD7989-12
AD76912
AD76902
AD79822
AD7989-52
AD79842
161
AD7684
AD76872
AD76882
AD79152
AD76932
AD79162
163
AD7680
AD76852
AD76862
AD79802
AD7683
AD7694
AD7988-52
AD79832
AD7988-12
143
AD7940
AD79422
AD79462
1 True differential.
2 Pin-for-pin compatible.
3 Pseudo differential.
TYPICAL APPLICATIONS CIRCUIT
REF
GND
VDD
IN+
IN–
VIO
SDI/CS
SCK
SDO
CNV
1.8V TO 5.5V
ADA4940-1
3- OR 4-WIRE
INTERFACE
(SPI, CS,
DAISY CHAIN)
2.5V TO 5V
2.5V
±10V, ±5V, ..
AD7915/
AD7916
Figure 1.
1 Protected by U.S. Patent 6,703,961.


Similar Part No. - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
885Kb / 41P
   3-Channel, Isolated, Sigma-Delta ADC with SPI
Rev. C
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
EVAL-SDP-CB1Z AD-EVAL-SDP-CB1Z Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
More results

Similar Description - EVAL-SDP-CB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
   16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
AD4684 AD-AD4684 Datasheet
1Mb / 32P
   1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com