Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF5355BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 6Page - Analog Devices ADF5355BCPZ Datasheet HTML 7Page - Analog Devices ADF5355BCPZ Datasheet HTML 8Page - Analog Devices ADF5355BCPZ Datasheet HTML 9Page - Analog Devices ADF5355BCPZ Datasheet HTML 10Page - Analog Devices ADF5355BCPZ Datasheet HTML 11Page - Analog Devices ADF5355BCPZ Datasheet HTML 12Page - Analog Devices ADF5355BCPZ Datasheet HTML 13Page - Analog Devices ADF5355BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADF5355
Data Sheet
Pin No.
Mnemonic
Description
23
VREF
Internal Compensation Node. DC biased at half the tuning range. Connect decoupling capacitors to the
ground plane as close to this pin as possible.
24
VBIAS
Reference Voltage. Connect a 100 nF decoupling capacitor to the ground plane as close to this pin as possible.
25, 32
CREG1, CREG2
Outputs from the LDO Regulator. Pin 25 and Pin 32 are the supply voltages to the digital circuits. Nominal
voltage of 1.8 V. Decoupling capacitors of 100 nF connected to AGND are required for these pins.
26
PDBRF
RFOUTA Power-Down. A logic low on this pin powers down the RFOUTA± outputs only. This power-down function
is also software controllable. Do not leave this pin floating.
27
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD. Place decoupling capacitors to the ground
plane as close to this pin as possible.
28
REFINB
Complementary Reference Input. If unused, ac couple this pin to AGND.
29
REFINA
Reference Input.
30
MUXOUT
Multiplexer Output. The multiplexer output allows the digital lock detect, the analog lock detect, scaled RF, or
the scaled reference frequency to be externally accessible.
31
SDGND
Digital Σ-Δ Modulator Ground. Pin 31 is the ground return path for the Σ-Δ modulator.
EP
Exposed Pad. The exposed pad must be connected to AGND.
Rev. A | Page 10 of 38


Similar Part No. - ADF5355BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355BCPZ AD-ADF5355BCPZ Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355BCPZ-RL7 AD-ADF5355BCPZ-RL7 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF5355BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
   Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
   Microwave Wideband Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com