Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7915BRMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7915BRMZ
Description  16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7915BRMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7915BRMZ Datasheet HTML 5Page - Analog Devices AD7915BRMZ Datasheet HTML 6Page - Analog Devices AD7915BRMZ Datasheet HTML 7Page - Analog Devices AD7915BRMZ Datasheet HTML 8Page - Analog Devices AD7915BRMZ Datasheet HTML 9Page - Analog Devices AD7915BRMZ Datasheet HTML 10Page - Analog Devices AD7915BRMZ Datasheet HTML 11Page - Analog Devices AD7915BRMZ Datasheet HTML 12Page - Analog Devices AD7915BRMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
AD7915/AD7916
Rev. 0 | Page 9 of 26
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (kHz)
fS = 1MSPS
fIN = 1kHz
SNR = 95.06dB
THD = –114.79dB
SFDR = –116.64dB
SINAD = 95.02dB
Figure 11. AD7915 FFT Plot, REF = 5 V
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFE1 FFE2 FFE3 FFE4 FFE5 FFE6 FFE7 FFE8 FFE9 FFEA
CODES IN HEX
Figure 12. Histogram of a DC Input at the Code Center, REF = 5 V
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
FFF1 FFF2 FFF3 FFF4 FFF5 FFF6 FFF7 FFF8 FFF9
FFFB
FFFA
CODES IN HEX
Figure 13. Histogram of a DC Input at the Code Center, REF = 2.5 V
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (kHz)
fS = 1MSPS
fIN = 1kHz
SNR = 91.21dB
THD = –118.74dB
SFDR = –108.7dB
SINAD = 91.21dB
Figure 14. AD7915 FFT Plot, REF = 2.5 V
40000
35000
30000
25000
20000
15000
10000
5000
0
FFD2 FFD3 FFD4 FFD5 FFD6 FFD7 FFD8 FFD9 FFDA FFDB
CODES IN HEX
Figure 15. Histogram of a DC Input at the Code Transition, REF = 5 V
98
97
96
95
94
93
92
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dB)
Figure 16. SNR vs. Input Level


Similar Part No. - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-500RL7 AD-AD7910AKS-500RL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKS-REEL7 AD-AD7910AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

Similar Description - AD7915BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
AD4022 AD-AD4022 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
   16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
AD4684 AD-AD4684 Datasheet
1Mb / 32P
   1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
   1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com