Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

178021501 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178021501
Description  MagI쨀C Power Module Product Family VDRM - Variable Step Down Regulator Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

178021501 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  178021501 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 178021501 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet
©2014
Würth Elektronik eiSos GmbH & Co. KG - REV 0.1
PRELIMINARY
2/ 32
171021501/WPMDU1251501NT
MagI³C Power Module Product Family
VDRM - Variable Step Down Regulator Module
E
PACKAGE MARKING
PGND
40
VOUT
39
PH
41
PH
38
AGND
37
18 PGND
17 PGND
16 PGND
15 VOUT
14 VOUT
13 VOUT
12 VOUT
VADJ 36
PG 35
AGND 34
AGND 33
AGND 32
RT/CLK 31
AGND 30
12X
DU125150
ABCD X1
02P
Top View BQFN-41
F
PIN DESCRIPTION
PIN #
PIN
SYMBOL
PIN DESCRIPTION
26
VIN
1I Input power supply
10, 11,
12, 13,
14, 15,
39
VOUT
2I Output power supply
1, 4, 5,
30, 32,
33, 34,
37
AGND
3I These pins are connected to the internal analog ground of the device.
16, 17,
18, 19,
20, 40
PGND
4I This is the return current path for the power stage of the device.
8, 9
GND_PT
5I Ground point. Connect AGND to PGND at these pins as shown in the Layout
Considerations.
35
PG
6I Power Good flag pin.
36
VADJ
7I Sets the output voltage
31
RT/CLK
8I These pin set the internal frequency over a resistor and can also use to synchronize to an
external clock.
27
DL/UVLO
9I Deadlock and UVLO adjust pin.
28
SS/TRK
10I Soft-start or tracking pin.
29
SSCHO
11I Soft-start and track feature select.
6, 7,
21, 22,
23, 24,
38, 41
PH
12I Phase switch node.
2, 3, 25
DNC
Do Not Connect.
First row: Product number
Second row: Logo & Code
Third row: Product code


Similar Part No. - 178021501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178021501 WURTH-178021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
More results

Similar Description - 178021501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178050601 WURTH-178050601 Datasheet
1Mb / 25P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171031801 WURTH-171031801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
172946001 WURTH-172946001 Datasheet
1Mb / 21P
   MagI쨀C Power Module Product Family LDHM - LED Step Down High Current Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com