Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCV26 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCV26
Description  PNP Silicon Darlington Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCV26 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCV26 Datasheet HTML 1Page - Infineon Technologies AG BCV26 Datasheet HTML 2Page - Infineon Technologies AG BCV26 Datasheet HTML 3Page - Infineon Technologies AG BCV26 Datasheet HTML 4Page - Infineon Technologies AG BCV26 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCV26, BCV46
2
Jul-13-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCV26
BCV46
V(BR)CEO
30
60
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IB = 0
BCV26
BCV46
V(BR)CBO
40
80
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
10
-
-
Collector cutoff current
VCB = 30 V, IE = 0
VCB = 60 V, IE = 0
BCV26
BCV46
ICBO
-
-
-
-
100
100
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
VCB = 60 V, IE = 0 , TA = 150 °C
BCV26
BCV46
ICBO
-
-
-
-
10
10
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 100 µA, VCE = 1 V
BCV26
BCV46
hFE
4000
2000
-
-
-
-
-
DC current gain 1)
IC = 10 mA, VCE = 5 V
BCV26
BCV46
hFE
10000
4000
-
-
-
-
DC current gain 1)
IC = 100 mA, VCE = 5 V
BCV26
BCV46
hFE
20000
10000
-
-
-
-
DC current gain 1)
IC = 0.5 A, VCE = 5 V
BCV26
BCV46
hFE
4000
2000
-
-
-
-
1) Pulse test: t
300µs, D = 2%


Similar Part No. - BCV26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV26 PHILIPS-BCV26 Datasheet
43Kb / 8P
   PNP Darlington transistors
1999 Apr 08
logo
Nexperia B.V. All right...
BCV26 NEXPERIA-BCV26 Datasheet
318Kb / 8P
   PNP Darlington transistors
2004 Jan 13
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
logo
Siemens Semiconductor G...
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results

Similar Description - BCV26

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com