Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16003 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 16003
Description  Programmers and Shorting Plugs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

16003 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  16003 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series LP300 Programmers and
Shorting Plugs
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• Shorting plugs mate with any .300 [7.62] center DIP
socket to provide custom programming.
• Stacks on .100 [2.54] centers.
• Converts any socket into a DIP switch.
SPECIFICATIONS:
• Standard plug body material is Black UL94-V/0 4/6
Nylon.
• Pins are 3/4 hard Brass.
• Pin plating is 10
μ [.25μm] min. Gold per MIL-G-45204
over 50
μ [1.27μm] min. Nickel per SAE-AMS-QQ-N-290.
• Current rating=2 Amps.
• Operating temperature= -67° to 257°F [-55°C to 125°C]
ALL DIMENSIONS: INCHES [MILLIMETERS]
Specify Part No. LP300
for LO-PRO®file plug
with Gold plating
ORDERING INFORMATION
All tolerances ± .005 [.13]
unless otherwise specified
LP300
(LO-PRO®file plug)
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
16003
REV. D
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com


Similar Part No. - 16003

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16003-2 COOPER-16003-2 Datasheet
1Mb / 4P
   Splicer blocks
16003-3 COOPER-16003-3 Datasheet
1Mb / 4P
   Splicer blocks
16003-4 COOPER-16003-4 Datasheet
1Mb / 4P
   Splicer blocks
logo
NTE Electronics
16003-ECG NTE-16003-ECG Datasheet
125Kb / 4P
   Polymeric Positive Temperature Coefficient
logo
Littelfuse
16003.5MR LITTELFUSE-16003.5MR Datasheet
202Kb / 4P
   Surface Mount Fuses
More results

Similar Description - 16003

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
   Programmers and Shorting Plugs
16009 ARIES-16009 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
SP200 ARIES-SP200_11 Datasheet
1Mb / 1P
   Shorting Plugs and Jacks
SP200 ARIES-SP200 Datasheet
203Kb / 1P
   040 [1.02] Shorting Plugs and Jacks
logo
List of Unclassifed Man...
SA015A1T ETC2-SA015A1T Datasheet
138Kb / 3P
   Universal Programmers
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
   ST6 EPROM programmers
October 2010 Rev 1
logo
Winchester Electronics ...
SDKC-89-93 WINCHESTER-SDKC-89-93 Datasheet
67Kb / 1P
   SHORTING PLUG AND CHAIN
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
   Plugs and Adaptors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com