Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8718BC-A-IS Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8718BC-A-IS
Description  5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8718BC-A-IS Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8718BC-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 9Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 10Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 11Page - Silicon Laboratories SI8718BC-A-IS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Si871x/2x
8
Rev. 1.0
Table 3. Regulatory Information*
CSA
The Si871x/2x is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873.
61010-1: Up to 600 VRMS reinforced insulation working voltage; up to 600 VRMS basic insulation working voltage.
60950-1: Up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working
voltage.
60601-1: Up to 250 VRMS reinforced insulation working voltage; up to 500 VRMS basic insulation working voltage.
VDE
The Si871x/2x is certified according to IEC60747 and VDE0884. For more details, see File 5006301-4880-0001.
60747-5-2: Up to 1414 Vpeak for basic insulation working voltage.
VDE0884-10: Up to 1414 Vpeak for reinforced insulation working voltage.
UL
The Si871x/2x is certified under UL1577 component recognition program. For more details, see File E257455.
Rated up to 5000 VRMS isolation voltage for basic protection.
CQC
The Si871x/2x is certified under GB4943.1-2011. For more details, see File V2012CQC001041.
Rated up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage.
*Note: Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1 sec.
Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1 sec.
For more information, see "8.Ordering Guide" on page 22.
Table 4. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
SOIC-8
DIP8
SDIP6
Nominal Air Gap (Clearance)
L(IO1)
4.7 min
7.2 min
9.6 min
mm
Nominal External Tracking
(Creepage)
L(IO2)
3.9 min
7.0 min
8.3 min
mm
Minimum Internal Gap
(Internal Clearance)
0.016
0.016
0.016
mm
Tracking Resistance
(Proof Tracking Index)
PTI
IEC60112
600
600
600
V
Erosion Depth
ED
0.031
0.031
0.057
mm
Resistance (Input-Output)*
RIO
1012
1012
1012
Capacitance (Input-Output)*
CIO
f=1 MHz
1
1
1
pF
*Note: To determine resistance and capacitance, the Si871x/2x is converted into a 2-terminal device. Pins 1–4 (1–3, SDIP6)
are shorted together to form the first terminal, and pins 5–8 (4–6, SDIP6) are shorted together to form the second
terminal. The parameters are then measured between these two terminals.


Similar Part No. - SI8718BC-A-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8718BC-A-IS SILABS-Si8718BC-A-IS Datasheet
1Mb / 35P
   Industrial automation
logo
Skyworks Solutions Inc.
SI8718BC-A-IS SKYWORKS-SI8718BC-A-IS Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Similar Description - SI8718BC-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com