Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL10-P1211 Datasheet(PDF) 2 Page - SICK AG

Part # GL10-P1211
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GL10-P1211 Datasheet(HTML) 2 Page - SICK AG

  GL10-P1211 Datasheet HTML 1Page - SICK AG GL10-P1211 Datasheet HTML 2Page - SICK AG GL10-P1211 Datasheet HTML 3Page - SICK AG GL10-P1211 Datasheet HTML 4Page - SICK AG GL10-P1211 Datasheet HTML 5Page - SICK AG GL10-P1211 Datasheet HTML 6Page - SICK AG GL10-P1211 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 1:57:45 AM
Photoelectric sensors
G10, Photoelectric retro-reflective sensor, Standard optics
1) 3) PL80A 2) 4) P250 5) Average service life: 100,000 h at TU = +25 °C
Type
> GL10-P1211
Part No.
> 1065885
At a glance
Long sensing ranges: up to 15 m on PL80A reflector
PinPoint LED with bright and precise light spot
Immunity to ambient light
10 V DC ... 30 V DC or 24 V AC/DC … 240 V AC/DC power supply with
PNP/NPN or relay output
With or without sensitivity adjustment
Small housing design
Rugged sensor housing with metal-reinforced holes for assembly
Q-Lock assembly system for mounting and aligning the sensor within a few
seconds
Your benefits
Long sensing ranges for maximum operating reserves
Efficient installation: the GL10 and the Q-Lock assembly system save valuable
hours when mounting and commissioning multiple sensors
Universal DC or AC/DC power supply for even greater application flexibility
Highly reliable and durable despite optical interference or mechanical loads
Wide range of accessories simplifies sensor integration: aids for assembly,
connecting cables, and reflectors
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, Dual lens
Dimensions (W x H x D):
20 mm x 50 mm x 39 mm
Housing design (light emission):
Rectangular
Sensing range max.::
0.08 m ... 12 m, 0.08 m ... 15 m 1) 2)
Sensing range::
0.15 m ... 10 m, 0.15 m ... 12 m 3) 4)
Type of light:
Visible red light
Light source:
PinPoint LED 5)
Wave length:
625 nm
Adjustment:
Potentiometer, 270°
Light spot size (distance):
Ø 58 mm (5 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
± 5 Vpp 2)


Similar Part No. - GL10-P1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL10-P1212 SICK-GL10-P1212 Datasheet
802Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - GL10-P1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com