Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7022-A20 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI7022-A20
Description  HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7022-A20 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI7022-A20 Datasheet HTML 3Page - Silicon Laboratories SI7022-A20 Datasheet HTML 4Page - Silicon Laboratories SI7022-A20 Datasheet HTML 5Page - Silicon Laboratories SI7022-A20 Datasheet HTML 6Page - Silicon Laboratories SI7022-A20 Datasheet HTML 7Page - Silicon Laboratories SI7022-A20 Datasheet HTML 8Page - Silicon Laboratories SI7022-A20 Datasheet HTML 9Page - Silicon Laboratories SI7022-A20 Datasheet HTML 10Page - Silicon Laboratories SI7022-A20 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Si7022-A20
Rev. 1.1
7
Figure 3. Temperature Accuracy
Table 5. Temperature Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
–40
+125
°C
Accuracy
–10 °C< tA < 85 °C
±0.3
±0.4
°C
–40 < tA < 125 °C
Figure 3.
Repeatability/Noise
0.04
°C RMS
Resolution
11
Bits
Response Time*
τ63%
Unmounted device
0.7
s
Si7022-EB board
5.1
Long Term Stability
0.01
°C/Yr
*Note: Time to reach 63% of final value in response to a step change in temperature. Actual response time will vary
dependent on system thermal mass and air-flow.


Similar Part No. - SI7022-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7022-A20-IM SILABS-Si7022-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1 SILABS-Si7022-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IM1R SILABS-Si7022-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-IMR SILABS-Si7022-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7022-A20-YM SILABS-Si7022-A20-YM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7022-A20

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
   Digital Relative Humidity sensor with Temperature output
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Renesas Technology Corp
HS4001 RENESAS-HS4001 Datasheet
1Mb / 27P
   High Performance Relative Humidity and Temperature Sensor with Digital Output
Jun 6, 2022
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com