Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5380-EVB Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5380-EVB
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380-EVB Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5380-EVB Datasheet HTML 1Page - Silicon Laboratories SI5380-EVB Datasheet HTML 2Page - Silicon Laboratories SI5380-EVB Datasheet HTML 3Page - Silicon Laboratories SI5380-EVB Datasheet HTML 4Page - Silicon Laboratories SI5380-EVB Datasheet HTML 5Page - Silicon Laboratories SI5380-EVB Datasheet HTML 6Page - Silicon Laboratories SI5380-EVB Datasheet HTML 7Page - Silicon Laboratories SI5380-EVB Datasheet HTML 8Page - Silicon Laboratories SI5380-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Ultra-Low Phase Noise, 12-output JESD204B
Clock Generator
Si5380 Data Sheet
The Si5380 is a high performance, integer-based (M/N) clock generator for small cell ap-
plications which demand the highest level of integration and phase noise performance.
Based on Silicon Laboratories’ 4th generation DSPLL technology, the Si5380 combines
frequency synthesis and jitter attenuation in a highly integrated digital solution that elimi-
nates the need for external VCXO and loop filter components. A low cost, fixed-frequen-
cy crystal provides frequency stability for free-run and holdover modes. This all-digital
solution provides superior performance that is highly immune to external board distur-
bances such as power supply noise.
KEY FEATURES
• Digital frequency synthesis eliminates
external VCXO and analog loop filter
components
• Supports JESD204B clocking: DCLK and
SYSREF
• Input frequency range:
• Differential: 10 MHz – 750 MHz
• LVCMOS: 10 MHz – 250 MHz
• Output frequency range:
• Differential: 480 kHz – 1.47456 GHz
• LVCMOS: 480 kHz – 250 MHz
Applications
• JESD204B clock generation
• Remote Radio Units (RRU), Remote Access Networks (RAN), picocells, small cells
• Wireless base stations (3G, GSM, W-CDMA, 4G/LTE, LTE-A)
• Remote Radio Head (RRH), wireless repeaters, wireless backhaul
• Data conversion sampling clocks (ADC, DAC, DDC, DUC)
÷P2
Si5380
54MHz
XTAL
XB
XA
OSC
OUT7
OUT6
OUT5
OUT8
OUT1
OUT4
OUT3
OUT2
INTRb
LOLb
Status
Monitor
OUT0
OUT0A
OUT9A
OUT9
IN0
IN_SEL
IN1
IN2
IN3/
FB_IN
÷N4
÷N0
÷N1
÷N2
÷N3
OEb
SYNCb
RSTb
PDNb
DSPLL
÷R1
÷R2
÷R3
÷R4
÷R5
÷R6
÷R7
÷R8
÷R9A
÷R9
÷R0
÷R0A
I2C_SEL
SDA/SDI
A1/SDO
SCLK
A0/CSb
NVM
÷P0
÷P1
÷P3
t4
t3
t2
t1
t0
I2C/
SPI
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.96


Similar Part No. - SI5380-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - SI5380-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com