Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5375B-A-BL Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5375B-A-BL
Description  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5375B-A-BL Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5375B-A-BL Datasheet HTML 7Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 8Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 9Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 10Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 11Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 12Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 13Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 14Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Si5375
Rev. 1.0
11
Table 5. Performance Specifications
VDD = 1.8 V ±5% or 2.5 V ±10%, TA = –40 to 85 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
PLL Performance*
Lock Time
tLOCKMP
Start of ICAL to
of LOL
35
1200
ms
Output Clock Phase Change
tP_STEP
After clock switch
f3
 128 kHz
—200
ps
Closed Loop Jitter Peaking
JPK
0.05
0.1
dB
Jitter Tolerance
JTOL
Jitter Frequency
Loop Band-
width
5000/BW
ns
pk-pk
Phase Noise
fout = 622.08 MHz
CKOPN
1 kHz Offset
–106
dBc/Hz
10 kHz Offset
–114
dBc/Hz
100 kHz Offset
–116
dBc/Hz
1 MHz Offset
–132
dBc/Hz
Subharmonic Noise
SPSUBH
Phase Noise
@ 100 kHz Offset
—–88
dBc
Spurious Noise
SPSPUR
Max spur @ n x F3
(n
 1, n x F3 < 100 MHz)
—–70
dBc
Jitter Generation
JGEN
fIN =fOUT =622.08MHz,
BW = 120 Hz
LVPECL output
12 kHz–20 MHz
350
410
fs rms
50 kHz–80 MHz
410
fs rms
*Note: fin = fout = 622.08 MHz; BW = 120 Hz; LVDS.


Similar Part No. - SI5375B-A-BL

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5375B-A-BL SKYWORKS-SI5375B-A-BL Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5375B-A-BL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5376 SILABS-SI5376 Datasheet
342Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com