Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5350B-B Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5350B-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5350B-B Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5350B-B Datasheet HTML 4Page - Silicon Laboratories SI5350B-B Datasheet HTML 5Page - Silicon Laboratories SI5350B-B Datasheet HTML 6Page - Silicon Laboratories SI5350B-B Datasheet HTML 7Page - Silicon Laboratories SI5350B-B Datasheet HTML 8Page - Silicon Laboratories SI5350B-B Datasheet HTML 9Page - Silicon Laboratories SI5350B-B Datasheet HTML 10Page - Silicon Laboratories SI5350B-B Datasheet HTML 11Page - Silicon Laboratories SI5350B-B Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Si5350B-B
8
Rev. 1.0
Table 9. Thermal Conditions
Parameter
Symbol
Test Condition
Package
Value
Unit
Thermal Resistance Junc-
tion to Ambient
JA
Still Air
10-MSOP
131
°C/W
20-QFN
119
°C/W
Thermal Resistance Junc-
tion to Case
JC
Still Air
20-QFN
16
°C/W
Table 10. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Value
Unit
DC Supply Voltage
VDD_max
–0.5 to 3.8
V
Input Voltage
VIN_P0-3
Pins P0, P1, P2, P3
–0.5 to 3.8
V
VIN_VC
VC
–0.5 to (VDD+0.3)
V
VIN_XA/
B
Pins XA, XB
–0.5 to 1.3 V
V
Temperature Range
TJ
–55 to 150
°C
Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.


Similar Part No. - SI5350B-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5350B-B SILABS-Si5350B-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results

Similar Description - SI5350B-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com