Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3462-EVB Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI3462-EVB
Description  EVALUATION BOARD USERS GUIDE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3462-EVB Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI3462-EVB Datasheet HTML 7Page - Silicon Laboratories SI3462-EVB Datasheet HTML 8Page - Silicon Laboratories SI3462-EVB Datasheet HTML 9Page - Silicon Laboratories SI3462-EVB Datasheet HTML 10Page - Silicon Laboratories SI3462-EVB Datasheet HTML 11Page - Silicon Laboratories SI3462-EVB Datasheet HTML 12Page - Silicon Laboratories SI3462-EVB Datasheet HTML 13Page - Silicon Laboratories SI3462-EVB Datasheet HTML 14Page - Silicon Laboratories SI3462-EVB Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Si3462-EVB
Rev. 1.2
11
6.6. Current Limit Control
The Si3462's overcurrent trip point, ICUT, is determined by the output power set during the classification stage
power granting process and the actual output voltage. If the output current exceeds the threshold, a timer counts
up towards a timeout of 60 ms. If the current drops below the set threshold, the timer counts down towards zero at
1/16th the rate. If the timer reaches the set timeout, an overcurrent fault is declared, and the channel is shut down
by turning off the pass FET. Additionally, for Class 4 devices, if the output current reaches the ILIM level, the output
is shut down after 15 ms to protect the pass FET. After an overcurrent fault event, the LED will flash rapidly. As set
by the initial voltage on the STATUS pin at powerup, the Si3462 then automatically resumes the detection process
for “automatic restart configuration” unless the Si3462 is configured in a “restart after a disconnect condition” mode.
For the automatic restart configuration, the LED will flash rapidly after an overcurrent event for 2.2 seconds, and a
new detection cycle will be initiated. The LED will then flash at a 1.5 Hz rate to show that the detection is in
progress.
In the restart on disconnect configuration, the LED will flash rapidly until an open-circuit condition is detected
before a new detection cycle will start. Normally, an open-circuit condition can be created by removing the Ethernet
cable from the Si3462-EVB's RJ-45 jack labelled “PoE”. Power will not be provided until an open-circuit condition is
detected. Once the Si3462-EVB detects an open-circuit condition, the detection process begins. The status LED
blinks at a rate of 1.5 Hz, and the Si3462 is then allowed to go into classification and powerup mode if a valid PD
signature resistance is detected.
6.7. UVLO/OVLO
The Si3462-EVB reference design is optimized for 50 V nominal input voltages (44 V minimum to 57 V maximum).
If the input voltage drops below 42 V, a UVLO condition is declared, or, if it exceeds 60 V, an over-voltage condition
is declared, and the output is shut down in both cases. An undervoltage or an overvoltage event is a fault condition
reported through the status LED as a rapid blinking of 10 flashes per second. The UVLO and OVLO conditions are
continuously monitored in all operating states.
6.8. Status LED Function
During the normal detection sequence, the STATUS LED flashes approximately 1.5 times per second as the
detection process continues. After successful powerup, the LED glows continuously. If there is an error condition
(i.e., class level is beyond the programmed value or a fault or overcurrent condition has been detected), the LED
flashes rapidly at 10 times per second. This occurs for two seconds for normal error delay, and the detection
process automatically starts again after 2.2 s unless a “restart after disconnect condition” was set during the initial
configuration. Power will not be provided until an open-circuit condition is detected. Once the Si3462-EVB detects
an open-circuit condition, the LED blinks at 1.5 times per second.
If the PD is disconnected so that a disconnect event occurs, the LED starts flashing at 1.5 times per second once
the detect process resumes.


Similar Part No. - SI3462-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

Similar Description - SI3462-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com