Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3459 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3459
Description  OCTAL IEEE 802.3AT POE PSE CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3459 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3459 Datasheet HTML 5Page - Silicon Laboratories SI3459 Datasheet HTML 6Page - Silicon Laboratories SI3459 Datasheet HTML 7Page - Silicon Laboratories SI3459 Datasheet HTML 8Page - Silicon Laboratories SI3459 Datasheet HTML 9Page - Silicon Laboratories SI3459 Datasheet HTML 10Page - Silicon Laboratories SI3459 Datasheet HTML 11Page - Silicon Laboratories SI3459 Datasheet HTML 12Page - Silicon Laboratories SI3459 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Si3459
Rev. 1.1
9
Table 3. Digital Pin Recommended Operating Conditions1
Parameter
Symbol
Test Condition
Pins
Min
Typ
Max
Unit
Input low Voltage
VIL
RESET, SCL,
SDAI, A4, A3,
A2, A1
——
0.8
V
Input High Voltage
VIH
RESET, SCL,
SDAI, A4, A3,
A2, A1
2.0
V
Input Leakage
IIH
VDD =4.2 V,
Vpin = 4.2 V
RESET, SCL,
SDAI, A3, AIN,
INT, DCEN
——
6
µA
SHDN
——
10
µA
IIL
VDD =4.2 V,
Vpin = 0 V
SHDN
—85—
µA
IIL
VDD =3.3 V,
Vpin = 0 V
RESET, SCL,
SDAI, A4, A3,
A2, A1, INT,
DCEN
—15
50
µA
Output Low Voltage2
VOL
ISDAO =8mA,
IINT =8mA
IAOUT =8mA
——
0.6
V
Notes:
1. All specification voltages are referenced with respect to DGND. These specifications apply over the recommended
operating voltage and temperature ranges of the device unless noted otherwise.
2. SDAO and INT are open drain outputs. Tie each pin to VDD with a 1 k resistor for normal operation.


Similar Part No. - SI3459

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459BDV VISHAY-SI3459BDV Datasheet
108Kb / 7P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Mar-08
Si3459BDV VISHAY-Si3459BDV Datasheet
218Kb / 11P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 04-May-09
SI3459BDV VISHAY-SI3459BDV Datasheet
251Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI3459BDV-T1-E3 VISHAY-SI3459BDV-T1-E3 Datasheet
108Kb / 7P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Mar-08
SI3459BDV-T1-E3 VISHAY-SI3459BDV-T1-E3 Datasheet
258Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3459

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com