Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3402-EVB Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3402-EVB
Description  NON-ISOLATED EVALUATION BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3402-EVB Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3402-EVB Datasheet HTML 1Page - Silicon Laboratories SI3402-EVB Datasheet HTML 2Page - Silicon Laboratories SI3402-EVB Datasheet HTML 3Page - Silicon Laboratories SI3402-EVB Datasheet HTML 4Page - Silicon Laboratories SI3402-EVB Datasheet HTML 5Page - Silicon Laboratories SI3402-EVB Datasheet HTML 6Page - Silicon Laboratories SI3402-EVB Datasheet HTML 7Page - Silicon Laboratories SI3402-EVB Datasheet HTML 8Page - Silicon Laboratories SI3402-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
Si3402-EVB
Si3402-EVB
NON-ISOLATED EVALUATION BOARD FOR THE Si3402
1. Description
The Si3402 non-isolated evaluation board (Si3402-EVB Rev 1.41) is a reference design for a power supply in a
Power over Ethernet (PoE) Powered Device (PD) application. The Si3402 is described more completely in the data
sheet and application notes. This document describes the evaluation board. An evaluation board demonstrating
the isolated application is described in the Si3402ISO-EVB user’s guide.
2. Si3402 Board Interface
Ethernet data and power are applied to the board through the RJ-45 connector (J1). The board may be powered by
the following:
Connecting a dc source to 1, 2 and 3, 4 (either polarity)
Connecting a dc source to 4, 5 and 7, 8 (either polarity)
Using an 802.3af-compliant PSE such as Phihong PSA16U-480 (PoE)
The board itself has no Ethernet data transmission functionality, but, as a convenience, the Ethernet transformer
secondary is brought out to the test points. The dc output is at connectors J4(+) and J3(–).
Boards are generally shipped configured to produce +5 V but can be configured for +3.3 V or other output voltages
by changing resistors R5 and R6. Refer to “AN296: Using the Si3400/1/2 PoE PD Controllers in Isolated and
Non-Isolated Designs” and its accompanying Excel® spreadsheet utility for more information. The only other test
point provided is J6, which is the power loss (PLOSS) indicator.
3. Schematics
The Si3402-EVB board schematics and layers are shown in Figures 1 through 6. The Si3402-EVB is normally
populated for 5 V output, Class 3 signature, and without the diode bridge bypass recommended for higher power
levels. Use the ordering option Si3402-C4-EVB for 5 V output, Class 4 signature, and diode bridge bypass for
higher power levels.


Similar Part No. - SI3402-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
SI3402-B-GM SILABS-SI3402-B-GM Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Si3402-B-GM SILABS-Si3402-B-GM Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI3402-B-GM SKYWORKS-SI3402-B-GM Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
More results

Similar Description - SI3402-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Monolithic Power System...
EV171-J-00A MPS-EV171-J-00A Datasheet
271Kb / 7P
   Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV171-S-00A MPS-EV171-S-00A Datasheet
283Kb / 7P
   Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV163-S-00A MPS-EV163-S-00A Datasheet
1Mb / 12P
   Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
logo
Diodes Incorporated
AL9910EV8 DIODES-AL9910EV8 Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
logo
Infineon Technologies A...
ICE5BR2280BZ INFINEON-ICE5BR2280BZ Datasheet
1Mb / 23P
   700 mA non-isolated high-voltage buck evaluation board using ICE5BR2280BZ
V 1.0 2022-06-15
logo
Monolithic Power System...
EV163-SE-00A MPS-EV163-SE-00A Datasheet
263Kb / 7P
   Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Infineon Technologies A...
ICE5BR3995BZ INFINEON-ICE5BR3995BZ Datasheet
2Mb / 31P
   300 mA non-isolated ultra high-voltage buck evaluation board using ICE5BR3995BZ
V 1.1 2022-08-05
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com