Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPEMP100G-S120650-7L Datasheet(PDF) 2 Page - Total Power International

Part # TPEMP100G-S120650-7L
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMP100G-S120650-7L Datasheet(HTML) 2 Page - Total Power International

  TPEMP100G-S120650-7L Datasheet HTML 1Page - Total Power International TPEMP100G-S120650-7L Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC INLET
O/P VOLTAGE
O/P CURRENT
TPEMP100G-S120650-7L
IEC320-C6(DT7L)
12Vdc
6.5A
TPEMP100G-S120650-8
IEC320-C8(DT8)
12Vdc
6.5A
TPEMP100G-S150620-7L
IEC320-C6(DT7L)
15Vdc
6.2A
TPEMP100G-S150620-8
IEC320-C8(DT8)
15Vdc
6.2A
TPEMP100G-S190530-7L
IEC320-C6(DT7L)
19Vdc
5.3A
TPEMP100G-S190530-8
IEC320-C8(DT8)
19Vdc
5.3A
TPEMP100G-S240420-7L
IEC320-C6(DT7L)
24Vdc
4.2A
TPEMP100G-S240420-8
IEC320-C8(DT8)
24Vdc
4.2A
TPEMP100G-S360270-7L
IEC320-C6(DT7L)
36Vdc
2.7A
TPEMP100G-S360270-8
IEC320-C8(DT8)
36Vdc
2.7A
TPEMP100G-S480200-7L
IEC320-C6(DT7L)
48Vdc
2.0A
TPEMP100G-S480200-8
IEC320-C8(DT8)
48Vdc
2.0A
TPEMP100G-S580170-7L
IEC320-C6(DT7L)
58Vdc
1.7A
TPEMP100G-S580170-8
IEC320-C8(DT8)
58Vdc
1.7A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 400.0g (14.18 Oz.)
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Similar Part No. - TPEMP100G-S120650-7L

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-7 TOTAL-POWER-TPEMP150G-S120100-7 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-7L TOTAL-POWER-TPEMP150G-S120100-7L Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-8 TOTAL-POWER-TPEMP150G-S120100-8 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S150080-7 TOTAL-POWER-TPEMP150G-S150080-7 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPEMP100G-S120650-7L

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com