Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR169S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR169S
Description  PNP Silicon Digital Transistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR169S Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR169S Datasheet HTML 1Page - Infineon Technologies AG BCR169S Datasheet HTML 2Page - Infineon Technologies AG BCR169S Datasheet HTML 3Page - Infineon Technologies AG BCR169S Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCR169S
Dec-13-2001
4
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0


Similar Part No. - BCR169S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR169S SIEMENS-BCR169S Datasheet
42Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR169S INFINEON-BCR169S Datasheet
496Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
BCR169S INFINEON-BCR169S Datasheet
259Kb / 12P
   PNP Silicon Digital Transistor
2007-08-02
BCR169S INFINEON-BCR169S Datasheet
873Kb / 11P
   PNP Silicon Digital Transistor
2011-08-29
More results

Similar Description - BCR169S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR183S INFINEON-BCR183S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR192U INFINEON-BCR192U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR198S INFINEON-BCR198S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR191S INFINEON-BCR191S Datasheet
114Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR185U INFINEON-BCR185U Datasheet
44Kb / 4P
   PNP Silicon Digital Transistor Array
Jul-12-2001
BCR185S INFINEON-BCR185S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
May-17-2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com