Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR158W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR158W
Description  PNP Silicon Digital Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR158W Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR158W Datasheet HTML 1Page - Infineon Technologies AG BCR158W Datasheet HTML 2Page - Infineon Technologies AG BCR158W Datasheet HTML 3Page - Infineon Technologies AG BCR158W Datasheet HTML 4Page - Infineon Technologies AG BCR158W Datasheet HTML 5Page - Infineon Technologies AG BCR158W Datasheet HTML 6Page - Infineon Technologies AG BCR158W Datasheet HTML 7Page - Infineon Technologies AG BCR158W Datasheet HTML 8Page - Infineon Technologies AG BCR158W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
May-18-2004
2
BCR158.../SEMB10
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Input on voltage
Vi(on)
10
Collector current
IC
100
mA
Total power dissipation-
BCR158, TS ≤ 102°C
BCR158F, TS ≤ 128°C
BCR158L3, TS ≤ 135°C
BCR158T, TS ≤ 109°C
BCR158W, TS ≤ 124°C
SEMB10, TS ≤ 75°C
Ptot
200
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BCR158
BCR158F
BCR158L3
BCR158T
BCR158W
SEMB10
RthJS
≤ 240
≤ 90
≤ 60
≤ 165
≤ 105
≤ 300
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR158W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR158W INFINEON-BCR158W Datasheet
181Kb / 10P
   PNP Silicon Digital Transistor
2007-08-27
BCR158W INFINEON-BCR158W Datasheet
842Kb / 8P
   PNP Silicon Digital Transistor
2011-08-29
More results

Similar Description - BCR158W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com