Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M3138 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 170M3138
Description  Square body DIN 43 653 stud-mount high speed fuses.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3138 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  170M3138 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3138 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
161
Square Body DIN 43 653 — 1250V/1300V (IEC/UL):
50-1400A
C
Ca
atta
allo
og
g N
Nu
um
mb
be
errs
s
--T
TN
N//1
11
10
0
--K
KN
N//1
11
10
0
E
Elle
ec
cttrriic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
--//1
11
10
0
T
Ty
yp
pe
e T
T
T
Ty
yp
pe
e K
K
R
Ra
atte
ed
d
II22tt ((A
A22 S
Se
ec
c))
V
Viis
su
ua
all
IIn
nd
diic
ca
atto
orr
IIn
nd
diic
ca
atto
orr
C
Cu
urrrre
en
ntt
C
Clle
ea
arriin
ng
g
C
Clle
ea
arriin
ng
g
W
Wa
atttts
s
IIn
nd
diic
ca
atto
orr
ffo
orr M
Miic
crro
o
ffo
orr M
Miic
crro
o
S
Siiz
ze
e
R
RM
MS
S--A
Am
mp
ps
s
P
Prre
e--a
arrc
c
a
att 1
10
00
00
0V
V
a
att 1
12
25
50
0V
V
L
Lo
os
ss
s
170M3138
170M3188
170M3238
50
135
815
1100
15
170M3139
170M3189
170M3239
63
215
1300
1750
20
170M3140
170M3190
170M3240
80
420
2500
3350
25
170M3141
170M3191
170M3241
100
750
4450
5950
30
170M3142
170M3192
170M3242
125
1450
9000
11500
35
170M3143
170M3193
170M3243
1*
160
2600
16000
21000
40
170M3144
170M3194
170M3244
200
5150
31000
41000
45
170M3145
170M3195
170M3245
250
9200
54500
73000
55
170M3146
170M3196
170M3246
315
18500
115000
150000
60
170M3147
170M3197
170M3247
350
27000
165000
220000
65
170M3148
170M3198
170M3248
400
53000
265000
335000
70
170M4138
170M4188
170M4238
160
1900
11500
15500
45
170M4139
170M4189
170M4239
200
3800
22500
30000
50
170M4140
170M4190
170M4240
250
7750
46000
61500
60
170M4141
170M4191
170M4241
315
15000
90000
120000
65
170M4142
170M4192
170M4242
1
350
20000
125000
165000
70
170M4143
170M4193
170M4243
400
29500
175000
235000
75
170M4144
170M4194
170M4244
450
42000
250000
335000
80
170M4145
170M4195
170M4245
500
69500
340000
435000
85
170M4146
170M4196
170M4246
550
95000
465000
590000
95
170M4147
170M4197
170M4247
630†
130000
660000
100
170M5138
170M5188
170M5238
250
6500
38500
51500
65
170M5139
170M5189
170M5239
280
9350
55500
74500
70
170M5140
170M5190
170M5240
315
13000
77500
105000
75
170M5141
170M5191
170M5241
350
16500
97500
135000
80
170M5142
170M5192
170M5242
400
23000
140000
180000
85
170M5143
170M5193
170M5243
450
34000
205000
270000
90
170M5144
170M5194
170M5244
2
500
48000
285000
380000
95
170M5145
170M5195
170M5245
550
62000
370000
495000
100
170M5146
170M5196
170M5246
630
115000
575000
730000
110
170M5147
170M5197
170M5247
700
160000
795000
1050000
115
170M5148
170M5198
170M5248
800
245000
1200000
1550000
120
170M5149
170M5199
170M5249
900†
360000
1750000
125
170M5150
170M5200
170M5250
1000†
480000
2350000
135
170M6138
170M6188
170M6238
315
9500
58000
77500
85
170M6139
170M6189
170M6239
350
13500
81500
110000
90
170M6140
170M6190
170M6240
400
19500
120000
160000
95
170M6141
170M6191
170M6241
450
31000
185000
245000
100
170M6142
170M6192
170M6242
500
39000
235000
310000
105
170M6143
170M6193
170M6243
550
55000
325000
435000
110
170M6144
170M6194
170M6244
3
630
83500
495000
665000
115
170M6145
170M6195
170M6245
700
115000
705000
940000
120
170M6146
170M6196
170M6246
800‡
205000
995000
1300000
125
170M6147
170M6197
170M6247
900‡
305000
1500000
1900000
130
170M6148
170M6198
170M6248
1000‡
450000
2150000
2750000
135
170M6149
170M6199
170M6249
1100‡
575000
2800000
3600000
140
170M6150
170M6200
170M6250
1250†
810000
3950000
145
170M6151
170M6201
170M6251
1400†
1250000
6000000
150
†Rated voltage (IEC) 1100V.
‡Rated voltage (IEC) 1250V.
• Watts loss provided at rated current.
• Microswitch indicator ordered separately. See accessories on pages 185-186.
• For fuse curves see pages 166 and 167.
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
Catalog Numbers


Similar Part No. - 170M3138

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M3109 COOPER-170M3109 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3109 COOPER-170M3109 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M3110 COOPER-170M3110 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
More results

Similar Description - 170M3138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
logo
Cooper Bussmann, Inc.
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com