Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3761-E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3761-E
Description  Integer-N PLL with Integrated VCO
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3761-E Datasheet(HTML) 1 Page - Texas Instruments

  TRF3761-E Datasheet HTML 1Page - Texas Instruments TRF3761-E Datasheet HTML 2Page - Texas Instruments TRF3761-E Datasheet HTML 3Page - Texas Instruments TRF3761-E Datasheet HTML 4Page - Texas Instruments TRF3761-E Datasheet HTML 5Page - Texas Instruments TRF3761-E Datasheet HTML 6Page - Texas Instruments TRF3761-E Datasheet HTML 7Page - Texas Instruments TRF3761-E Datasheet HTML 8Page - Texas Instruments TRF3761-E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
TRF3761
(TOP VIEW)
GND
AVDD_BIAS
RBIAS1
GND
VCTRL_IN
AVDD_VCO
AVDD_BUF
AVDD_CAPARRAY
GND
AVDD
PD_OUTBUF
CHIP_EN
CLOCK
DATA
STROBE
DGND
DGND
DVDD1
AVDD_PRES
GND
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
38
39
40
37
36
35
34
33
32
31
13
12
11
14
15
16
17
18
19
20
C4
1000 pF
R3
2.37 kΩ
C1
R1
C2
C3
R2
C6
10 pF
C5
10 pF
R5
120 Ω
R6
120 Ω
VDD
VDD
LOAD
C7
1000 pF
R4
4.75 kΩ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TRF3761, TRF3761-A, TRF3761-B
TRF3761-C, TRF3761-D, TRF3761-E, TRF3761-F
TRF3761-G, TRF3761-H, TRF3761-J, TRF3761-K
SLWS181K – OCTOBER 2005 – REVISED DECEMBER 2015
TRF3761-x Integer-N PLL with Integrated VCO
1 Features
3 Description
TRF3761 is a family of high performance, highly
1
Fully Integrated VCO
integrated frequency synthesizers, optimized for high
Low Phase Noise: –137dBc/Hz (at 600kHz, fVCO
performance applications. The TRF3761 includes a
of 1.9GHz)
low-noise, voltage-controlled oscillator (VCO) and an
Low Noise Floor: –158dBc/Hz at 10MHz Offset
integer-N PLL.
Integer-N PLL
TRF3761 integrates divide-by 1, 2, or 4 options for a
Input Reference Frequency range: 10MHz to
more flexible output frequency range. It is controlled
through a 3-wire serial-programming-interface (SPI)
104MHz
interface.
For
power
sensitive
applications
the
VCO Frequency Divided by 2-4 Output
TRF3761 can be powered down by the SPI interface
Output Buffer Enable Pin
or externally via chip_en pin 2.
Programmable Charge Pump Current
Device Information(1)
Hardware and Software Power Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
3-Wire Serial Interface
TRF3761
Single Supply: 4.5V to 5.25V Operation
VQFN (40)
6.00 mm x 6.00 mm
TRF3761-x
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Wireless Infrastructure
WCDMA, CDMA, GSM
Wideband Transceivers
Wireless Local Loop
RFID Transceivers
Clock generation
IF LO generation
Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TRF3761-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-E TI-TRF3761-E Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-EIRHAR TI-TRF3761-EIRHAR Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-EIRHARG4 TI-TRF3761-EIRHARG4 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-EIRHAT TI-TRF3761-EIRHAT Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-EIRHATG4 TI-TRF3761-EIRHATG4 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
More results

Similar Description - TRF3761-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com