Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37D73IDSGT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37D73IDSGT
Description  1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37D73IDSGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF37D73IDSGT Datasheet HTML 2Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 3Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 4Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 5Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 6Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 7Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 8Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 9Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
15
17
19
21
23
25
27
29
31
33
35
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
3.45V
3.3V
3.15V
3.0V
C003
15
17
19
21
23
25
27
29
31
33
35
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40
SC
25
SC
85
SC
C004
8
9
10
11
12
13
14
15
16
17
18
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
3.45V
3.3V
3.15V
3.0V
C003
8
9
10
11
12
13
14
15
16
17
18
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40
SC
25
SC
85
SC
C004
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
3.45V
3.3V
3.15V
3.0V
C001
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
-40
SC
25
SC
85
SC
C002
TRF37D73
SLASE43 – MAY 2014
www.ti.com
6.7 Typical Characteristics
3
VCC curves
Temp = 25°C
Pin = –10 dBm
Temp curves
VCC = 3.3 V
Pin = –10 dBm
Figure 1. Gain vs Frequency
Figure 2. Gain vs Frequency
VCC curves
Temp = 25°C
Temp curves
VCC = 3.3 V
Figure 3. OP1dB vs Frequency
Figure 4. OP1dB vs Frequency
VCC curves
Temp = 25°C
Pin = –10 dBm/tone
Temp curves
VCC = 3.3 V
Pin = –10 dBm/tone
Figure 5. OIP3 vs Frequency
Figure 6. OIP3 vs Frequency
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TRF37D73


Similar Part No. - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com