Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37B75IDSGT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37B75IDSGT
Description  40-4000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37B75IDSGT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF37B75IDSGT Datasheet HTML 3Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 4Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 5Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 6Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 7Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 8Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 9Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 10Page - Texas Instruments TRF37B75IDSGT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
75
78
81
84
87
90
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
±40ƒC
25ºC
85ºC
C014
75
78
81
84
87
90
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
4.5 V
4.75 V
5 V
5.25 V
C013
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
4.5 V
4.75 V
5 V
5.25 V
C010
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
±40ƒC
25ºC
85ºC
C011
26
27
28
29
30
31
32
33
34
35
36
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
±40ƒC
25ºC
85ºC
C005
26
27
28
29
30
31
32
33
34
35
36
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
4.5 V
4.75 V
5 V
5.25 V
C004
TRF37B75
www.ti.com
SLASE21 – MAY 2014
Typical Characteristics (continued)
VCC curves
Temp = 25°C
Pin = –10 dBm/tone
Temp curves
VCC = 5 V
Pin = –10 dBm/tone
Figure 7. OIP3 vs Frequency
Figure 8. OIP3 vs Frequency
VCC curves
Temp = 25°C
Temp curves
VCC = 5 V
Figure 9. NF vs Frequency
Figure 10. NF vs Frequency
VCC curves
Temp = 25°C
Temp curves
VCC = 5 V
Figure 11. ICC vs Frequency
Figure 12. ICC vs Frequency
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TRF37B75


Similar Part No. - TRF37B75IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37B75 TI-TRF37B75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37B75 40-4000 MHz RF Gain Block
More results

Similar Description - TRF37B75IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
TRF37C75 TI-TRF37C75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37C75 40-4000 MHz RF Gain Block
TRF37B75 TI-TRF37B75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37B75 40-4000 MHz RF Gain Block
logo
BeRex Corporation
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_18 Datasheet
637Kb / 10P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
   30-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com