Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2592 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2592
Description  High Performance, Wideband PLLatinum RF Synthesizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2592 Datasheet(HTML) 4 Page - Texas Instruments

  LMX2592 Datasheet HTML 1Page - Texas Instruments LMX2592 Datasheet HTML 2Page - Texas Instruments LMX2592 Datasheet HTML 3Page - Texas Instruments LMX2592 Datasheet HTML 4Page - Texas Instruments LMX2592 Datasheet HTML 5Page - Texas Instruments LMX2592 Datasheet HTML 6Page - Texas Instruments LMX2592 Datasheet HTML 7Page - Texas Instruments LMX2592 Datasheet HTML 8Page - Texas Instruments LMX2592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LMX2592
SNAS646A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Differential output B (-). This output requires a pull up component for proper biasing. A 50-
Ω
RFoutBM
19
Output
resistor or inductor may be used. Place as close to output as possible.
Programmable with register MUXOUT_SEL to be readback SDO or lock detect indicator
MUXout
20
Output
(active high).
VCCBUF
21
Supply
Output buffer supply. Requires connecting 0.1-µF capacitor to RFout ground.
Differential output A (-). This output requires a pull up component for proper biasing. A 50-
Ω
RFoutAM
22
Output
resistor or inductor may be used. Place as close to output as possible.
Differential output A (+). This output requires a pull up component for proper biasing. A 50-
Ω
RFoutAP
23
Output
resistor or inductor may be used. Place as close to output as possible.
CSB
24
Input
SPI chip select bar or uWire latch enable. High impedance CMOS input. 1.8 to3.3-V logic.
GND
25
Ground
VCO ground.
VCCVCO2
26
Supply
VCO supply. Recommend connecting 0.1-µF and 10-µF capacitor to VCO ground.
VCO bias internal voltage, access for bypass. Requires connecting 1-µF capacitor to VCO
VbiasVCO2
27
Bypass
ground.
NC
28
Not connected.
VCO supply internal voltage, access for bypass. Requires connecting 10-µF capacitor to
VrefVCO2
29
Bypass
VCO ground.
Rext
30
Bypass
External resistor connection. Requires connecting 680-
Ω resistor to ground.
GND
31
Ground
VCO ground.
NC
32
Not connected.
VCO varactor internal voltage, access for bypass. Requires connecting 10-µF capacitor to
VbiasVARAC
33
Bypass
VCO ground.
GND
34
Ground
VCO ground.
Vtune
35
Input
VCO tuning voltage input. This signal should be kept away from noise sources.
VCO supply internal voltage, access for bypass. Requires connecting 10-µF capacitor to
VrefVCO
36
Bypass
ground.
VCCVCO
37
Supply
VCO supply. Recommend connecting 0.1-µF and 10-µF capacitor to ground.
VCO supply internal voltage, access for bypass. Requires connecting 1-µF capacitor to
VregVCO
38
Bypass
ground.
GND
39
Ground
VCO ground.
GND
40
Ground
VCO ground.
GND
DAP
Ground
RFout ground.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2592


Similar Part No. - LMX2592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594RHAR TI1-LMX2594RHAR Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594RHAT TI1-LMX2594RHAT Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595RHAR TI1-LMX2595RHAR Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
More results

Similar Description - LMX2592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2582 TI1-LMX2582 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2571 TI1-LMX2571 Datasheet
2Mb / 61P
[Old version datasheet]   Low-Power, High-Performance PLLatinum RF Synthesizer
LMX2571 TI1-LMX2571_16 Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
LMX2694-EP TI1-LMX2694-EP Datasheet
1Mb / 80P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com