Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2487ESQE Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2487ESQE
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2487ESQE Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2487ESQE Datasheet HTML 7Page - Texas Instruments LMX2487ESQE Datasheet HTML 8Page - Texas Instruments LMX2487ESQE Datasheet HTML 9Page - Texas Instruments LMX2487ESQE Datasheet HTML 10Page - Texas Instruments LMX2487ESQE Datasheet HTML 11Page - Texas Instruments LMX2487ESQE Datasheet HTML 12Page - Texas Instruments LMX2487ESQE Datasheet HTML 13Page - Texas Instruments LMX2487ESQE Datasheet HTML 14Page - Texas Instruments LMX2487ESQE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
0
FREQUENCY (MHz)
3000
25
0
1000
2000
4000
5000
6000
50
75
125
150
Powered
Up
100
Powered
Down
LMX2487E
www.ti.com
SNAS404B – MAY 2007 – REVISED JANUARY 2016
6.7.4 OSCin Input Impedance
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in Electrical Characteristics.
Figure 12. OSCin Input Impedance
Table 3. OSCin Input Impedance
FREQUENCY
POWERED UP
POWERED DOWN
(MHz)
REAL
IMAGINARY
MAGNITUDE
REAL
IMAGINARY
MAGNITUDE
5
1730
–3779
4157
392
–8137
8146
10
846
–2236
2391
155
–4487
4490
20
466
–1196
1284
107
–2215
2217
30
351
–863
932
166
–1495
–1504
40
316
–672
742
182
–1144
1158
50
278
–566
631
155
–912
925
60
261
–481
547
153
–758
774
70
252
–425
494
154
–652
669
80
239
–388
456
147
–576
595
90
234
–358
428
145
–518
538
100
230
–337
407
140
–471
492
110
225
–321
392
138
–436
458
120
219
–309
379
133
–402
123
130
214
–295
364
133
–374
397
140
208
–285
353
132
–349
373
150
207
–279
348
133
–329
355
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2487E


Similar Part No. - LMX2487ESQE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
National Semiconductor ...
LMX2487SQ NSC-LMX2487SQ Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487SQ TI1-LMX2487SQ Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
More results

Similar Description - LMX2487ESQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com